UT2955G-AA3-R
AI

The **UT2955G-AA3-R** is a high-performance, P-channel enhancement mode Power MOSFET manufactured by Unisonic Technologies (UTC). It is commonly used for power management and switching applications where low on-resistance and efficient thermal dissipation are required.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the UT2955G-AA3-R:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -60 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | -0.12 A (at 25°C) |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 6.0 Ω (Typ) @ $V_{GS}$ = -10V |
| **Package Type** | SOT-223 | Surface Mount |
| **Configuration** | Single | P-Channel |
---
### 2. Breakdown of the Part Number
To understand the specific variant of this component, we can decode the suffix:
* **UT2955**: The base model series (P-Channel MOSFET).
* **G**: Stands for "Halogen Free" and "RoHS Compliant" (Green product).
* **AA3**: Indicates the **SOT-223** package type.
* **R**: Indicates the packaging method (**Tape and Reel**).
---
### 3. Features and Applications
The UT2955G is designed with high cell density technology to minimize on-state resistance.
#### Key Features:
* **Low Drive Current:** High-speed switching capabilities.
* **Low $R_{DS(ON)}$:** Reduces power loss during conduction.
* **Thermal Stability:** The SOT-223 package provides a good balance between size and heat dissipation.
#### Typical Applications:
* **Power Management:** Used in DC-DC converters and load switches.
* **Motor Control:** Small DC motor drive circuits.
* **Battery Protection:** Circuits requiring reverse polarity protection or high-side switching.
---
### 4. Typical Application Circuit (High-Side Switch)
In a P-channel MOSFET application, the Source is usually connected to the positive supply.
```markdown
[Input Voltage Vcc] ---- (Source)
|
[UT2955G MOSFET] ---- (Gate) <--- [Control Signal]
|
[Load] ----------------- (Drain)
|
[GND]
```
---
- ⤷What are the equivalent alternative parts for the UT2955G-AA3-R?
- ⤷ How does the P-channel MOSFET differ from an N-channel MOSFET in a circuit?
- ⤷ What is the maximum power dissipation for the SOT-223 package version?