UT3403G-AE3-R
AI

## UT3403G-AE3-R: Electronic Specifications and Overview
The **UT3403G-AE3-R** is a high-performance **P-Channel enhancement mode Field Effect Transistor (MOSFET)**. It is widely used in power management applications due to its low on-state resistance and high power handling capabilities in a compact package.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the UT3403G-AE3-R:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DSS}$ | -30 | V |
| Gate-Source Voltage | $V_{GSS}$ | ±12 | V |
| Continuous Drain Current | $I_D$ | -2.6 | A |
| Pulsed Drain Current | $I_{DM}$ | -10 | A |
| Power Dissipation ($T_A=25°C$) | $P_D$ | 0.35 | W |
| On-State Resistance ($V_{GS}=-10V$) | $R_{DS(ON)}$ | 115 (Typ) | mΩ |
| Operating Temperature | $T_J$ | -55 ~ +150 | °C |
---
### 2. Physical Characteristics and Packaging
* **Package Type:** SOT-23 (Surface Mount Device).
* **Halogen-Free:** The "G" in the part number usually indicates a Halogen-free and RoHS-compliant product.
* **Tape and Reel:** The "R" suffix indicates that the part is supplied in a Tape and Reel format for automated pick-and-place assembly.
---
### 3. Pin Configuration
The SOT-23 package has a standard 3-pin layout:
1. **Gate (G):** Controls the biasing of the transistor.
2. **Source (S):** Usually connected to the higher potential in a P-Channel configuration.
3. **Drain (D):** The output terminal where the load is typically connected.
---
### 4. Common Applications
Due to its low threshold voltage and efficiency, this MOSFET is commonly found in:
* **Power Management:** DC-DC converters and load switches.
* **Battery Protection:** Circuits for mobile phones and portable electronics.
* **Load Switching:** Controlling power to specific subsystems to save energy.
* **Inverters:** Low-side or high-side switching in low-voltage applications.
---
### 5. Implementation Example (Schematic Logic)
To turn the MOSFET **ON**, the Gate voltage ($V_G$) must be lower than the Source voltage ($V_S$) by at least the threshold voltage ($V_{GS(th)}$).
```text
[High Potential / Battery] ---- (Source)
|
[UT3403G] --- (Gate) <--- Control Logic (Low = ON)
|
(Drain) ---- [Load] ---- [Ground]
```
---
- ⤷What is the typical Gate Threshold Voltage (VGS(th)) for this MOSFET?
- ⤷ Can this MOSFET be used for high-frequency PWM switching?
- ⤷ What are the recommended thermal management practices for the SOT-23 package?