UT3406G-AE3-R
AI

The **UT3406G-AE3-R** is a high-efficiency, monolithic synchronous step-down (buck) DC-DC converter. It is commonly used in portable devices to step down battery voltages to lower levels required by microprocessors and digital circuits.
---
### 1. Technical Specifications
The following table outlines the primary electrical characteristics of the UT3406G:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Output Current** | Up to 600mA |
| **Switching Frequency** | 1.5 MHz (Fixed) |
| **Feedback Voltage** | 0.6V |
| **Efficiency** | Up to 96% |
| **Quiescent Current** | 20µA (No load) |
| **Package Type** | SOT-23-3 / SOT-25 / SOT-26 |
---
### 2. Key Internal Components
The "Electronic Parts" within this IC consist of a complex integrated circuit design:
* **Synchronous Rectifier:** Unlike standard buck converters that use an external Schottky diode, this part integrates a P-channel MOSFET (main switch) and an N-channel MOSFET (synchronous switch). This reduces power loss and increases efficiency.
* **Error Amplifier:** Compares the feedback voltage from the output against an internal 0.6V reference to maintain a stable output.
* **PWM Control Logic:** Operates at 1.5MHz, allowing the use of very small surface-mount inductors and capacitors.
* **Protection Circuitry:** Includes thermal shutdown and current limit protection to prevent the device from failing under fault conditions.
---
### 3. Part Number Decoder
Understanding the suffix codes for the UT3406G-AE3-R:
1. **UT3406G**: The base model number for the synchronous buck regulator.
2. **AE3**: Indicates the package style (typically **SOT-23-3**).
3. **R**: Indicates the packaging method (**Tape & Reel**).
4. **G**: Often signifies "Green" or Halogen-Free materials.
---
### 4. Typical Application Circuit
To function, the UT3406G requires a few external passive components:
| Component | Function |
| :--- | :--- |
| **Inductor (L1)** | Energy storage; typically 2.2µH to 4.7µH. |
| **Input Capacitor (Cin)** | Filters input noise; usually 4.7µF to 10µF ceramic. |
| **Output Capacitor (Cout)** | Smooths output voltage; usually 10µF to 22µF ceramic. |
| **Resistor Divider (R1, R2)** | Sets the output voltage based on the 0.6V feedback pin. |
```text
Formula for Output Voltage:
Vout = 0.6 * (1 + R1 / R2)
```
- ⤷
What is the maximum output voltage supported by the UT3406G-AE3-R?
- ⤷ Can this IC be used with a 9V battery input?
- ⤷ What are the advantages of the 1.5MHz switching frequency?