UT3409G-AL3-R
AI

## Technical Overview of UT3409G-AL3-R
The **UT3409G-AL3-R** is a high-performance **P-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. It is primarily designed for power management applications where low on-resistance and high-speed switching are critical.
---
### 1. Key Technical Specifications
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DS}$ | -30 | V |
| Gate-Source Voltage | $V_{GS}$ | ±20 | V |
| Continuous Drain Current | $I_D$ | -5.1 | A |
| Pulsed Drain Current | $I_{DM}$ | -20 | A |
| Static Drain-Source On-Resistance | $R_{DS(ON)}$ | 40 (at $V_{GS}=-10V$) | mΩ |
| Total Gate Charge | $Q_g$ | 10 | nC |
| Power Dissipation | $P_D$ | 1.4 | W |
---
### 2. Package and Part Number Breakdown
The part number **UT3409G-AL3-R** follows a specific nomenclature used by manufacturers (commonly Unisonic Technologies - UTC):
* **UT3409**: The basic part number for the P-Channel MOSFET.
* **G**: Halogen-free and RoHS compliant material.
* **AL3**: Refers to the **SOT-23** package type (small outline transistor).
* **R**: Tape and Reel packaging for automated SMT (Surface Mount Technology) assembly.
---
### 3. Features and Advantages
* **Low On-Resistance**: Minimizes power loss during conduction, improving overall efficiency.
* **Fast Switching Speed**: Allows for high-frequency operation in DC-DC converters.
* **Low Threshold Voltage**: Can be driven by low-voltage logic circuits.
* **Compact SOT-23 Footprint**: Ideal for space-constrained applications like mobile phones and laptops.
---
### 4. Common Applications
1. **Power Management**: Used in load switches and battery protection circuits.
2. **DC-DC Converters**: Acts as a switching element in buck or boost regulators.
3. **Battery Powered Systems**: Low voltage drop makes it ideal for portable electronics.
4. **Load Switching**: Controls the power supply to specific peripheral components in a system.
---
### 5. Circuit Symbol and Pinout (SOT-23)
In a standard SOT-23 package, the pin configuration is typically:
1. **Gate (G)**: Controls the switching of the MOSFET.
2. **Source (S)**: Connected to the positive supply in P-channel load switches.
3. **Drain (D)**: Connected to the load.
```text
SOT-23 (Top View)
_______
(G) | 1 3 | (D)
| 2 |
-------
(S)
```
- ⤷
What is the difference between a P-Channel and N-Channel MOSFET in a circuit?
- ⤷ How does gate-source threshold voltage affect the switching of the UT3409G?
- ⤷ What are the recommended thermal management practices for SOT-23 MOSFETs?