UT3413L-AE2-R
AI

The **UT3413L-AE2-R** is a specific P-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by Unisonic Technologies (UTC). It is designed for high-efficiency power management and switching applications.
---
### ## Technical Specifications
Below are the primary electrical characteristics for the UT3413L-AE2-R:
| Parameter | Specification |
| :--- | :--- |
| **Transistor Type** | P-Channel MOSFET |
| **Drain-Source Voltage ($V_{DSS}$)** | -20V |
| **Gate-Source Voltage ($V_{GSS}$)** | ±8V |
| **Continuous Drain Current ($I_D$)** | -3.0A |
| **Pulsed Drain Current ($I_{DM}$)** | -10A |
| **Power Dissipation ($P_D$)** | 0.9W |
| **Drain-Source On-Resistance ($R_{DS(ON)}$)** | < 115mΩ @ $V_{GS}=-4.5V$ |
| **Package Type** | SOT-23-3 (AE2) |
---
### ## Key Features
* **Low On-Resistance:** Optimized to reduce conduction losses, making it ideal for battery-powered devices.
* **Low Threshold Voltage:** Operates effectively at low logic-level voltages.
* **High Switching Speed:** Capable of high-frequency operation due to low gate charge.
* **Surface Mount Design:** The SOT-23 package allows for compact PCB layouts.
---
### ## Typical Applications
The UT3413L is commonly found in the following electronic circuits:
1. **Load Switches:** Used to connect or disconnect a power source to a load.
2. **Power Management:** Found in mobile phones, tablets, and portable electronics.
3. **DC/DC Converters:** Acts as a switching element in buck or boost regulators.
4. **Battery Protection:** Integrated into BMS (Battery Management Systems) for charging/discharging control.
---
### ## Pin Configuration (SOT-23)
In the UTC "AE2" package, the pins are typically assigned as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **G** (Gate) | Controls the state of the MOSFET |
| 2 | **S** (Source) | Connection point for the input voltage (P-Channel) |
| 3 | **D** (Drain) | Connection point for the load |
---
- ⤷
How does the UT3413L compare to an N-Channel MOSFET in terms of circuit placement?
- ⤷ What are the thermal considerations for the SOT-23 package in this device?
- ⤷ What is the significance of the '-R' suffix in the part number?