UT3413L-AE3-R
AI

The **UT3413L-AE3-R** is a specific P-Channel enhancement mode Power MOSFET manufactured by Unisonic Technologies (UTC). It is designed for low-voltage, high-speed switching applications.
---
### 1. Key Technical Specifications
The following table outlines the core electrical characteristics of the device:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -20V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±8V |
| **Continuous Drain Current** | $I_D$ | -3.0A |
| **Pulsed Drain Current** | $I_{DM}$ | -10A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 110mΩ @ $V_{GS}$ = -4.5V |
| **Package Type** | SOT-23 | AE3 (UTC Code) |
---
### 2. Functional Features
* **Low On-Resistance:** Optimized to reduce conduction losses, making it efficient for battery-powered devices.
* **Low Threshold Voltage:** Operates effectively at low gate drive voltages, allowing it to interface directly with logic-level signals.
* **High-Speed Switching:** Designed for rapid transitions between ON and OFF states.
* **Green Product:** Typically halogen-free and RoHS compliant (indicated by the suffix "-R" for Reel/RoHS).
---
### 3. Pin Configuration (SOT-23)
The "AE3" package refers to the standard SOT-23 surface-mount package. The pinout is usually as follows:
1. **Gate (G):** Controls the state of the MOSFET.
2. **Source (S):** Connected to the positive supply in typical P-Channel configurations.
3. **Drain (D):** Connected to the load.
---
### 4. Common Applications
Due to its small footprint and P-channel characteristics, the UT3413L is frequently used in:
* **Load Switching:** Turning power rails on or off in portable electronics.
* **Power Management:** Used in DC-DC converters and battery charging circuits.
* **Battery Protection:** Protecting lithium-ion cells from over-discharge.
* **LED Drivers:** Small-scale switching for lighting components.
---
### 5. Part Number Decoding
* **UT:** Unisonic Technologies (Manufacturer).
* **3413:** Model Number / Series.
* **L:** Lead-free plating (Halogen free).
* **AE3:** SOT-23 Package type.
* **R:** Tape and Reel packaging.
- ⤷
What are the main differences between a P-channel and an N-channel MOSFET in a circuit?
- ⤷ How does the gate-source threshold voltage affect the switching performance of this MOSFET?
- ⤷ Can this MOSFET be used for high-frequency PWM motor control?