UT3415G-AE3-R
AI

## Technical Overview of UT3415G-AE3-R
The **UT3415G-AE3-R** is a high-performance **P-Channel Enhancement Mode Field Effect Transistor (MOSFET)** manufactured by Unisonic Technologies (UTC). It is primarily designed for power management applications requiring low on-resistance and high efficiency.
---
### 1. Key Technical Specifications
The following table outlines the core electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DS}$ | -20 | V |
| Gate-Source Voltage | $V_{GS}$ | ±8 | V |
| Continuous Drain Current | $I_D$ | -4.0 | A |
| Pulsed Drain Current | $I_{DM}$ | -15 | A |
| Power Dissipation | $P_D$ | 1.4 | W |
| On-State Resistance ($V_{GS}=-4.5V$) | $R_{DS(ON)}$ | 50 (Max) | mΩ |
| Operating Temperature | $T_J$ | -55 ~ +150 | °C |
---
### 2. Physical and Packaging Information
The suffix in the part number provides details about the packaging and material:
* **Package Type (AE3):** This indicates a **SOT-23** surface-mount package. It is a small-footprint package ideal for space-constrained PCB designs.
* **RoHS Compliance (G):** The "G" signifies that the part is **Halogen-free** and Lead-free (Green product).
* **Packing (R):** The "R" stands for **Tape and Reel**, which is the standard format for automated pick-and-place assembly.
---
### 3. Key Features and Benefits
* **Low $R_{DS(ON)}$:** Minimizes power loss during conduction, improving overall battery life in portable electronics.
* **High-Speed Switching:** Optimized for applications requiring fast transitions.
* **Low Threshold Voltage:** Can be driven by low-voltage logic levels, making it compatible with modern microcontrollers.
---
### 4. Common Applications
Due to its P-Channel nature and small size, the UT3415G is frequently used in:
1. **Load Switches:** Controlling power rails to various sub-circuits.
2. **Battery Management:** Protection circuits and charging paths in mobile devices.
3. **DC-DC Converters:** Used in the high-side switch position.
4. **Power Management:** General-purpose switching in notebooks and tablets.
---
### 5. Circuit Symbol and Pinout (SOT-23)
```text
SOT-23 Top View
_______
G | 1 3 | D
| 2 |
-------
S
1: Gate (G)
2: Source (S)
3: Drain (D)
```
- ⤷What is the difference between P-Channel and N-Channel MOSFETs in circuit design?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
- ⤷ What are the recommended heat dissipation techniques for the SOT-23 package?