UT3N06G-AB3-R
AI

The **UT3N06G-AB3-R** is an N-Channel enhancement mode Power MOSFET manufactured by Unisonic Technologies (UTC). It is designed for low-voltage, high-speed switching applications.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 60 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | 3.0 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 100 mΩ @ $V_{GS}=10V$ |
| **Package Type** | SOT-89 | Surface Mount |
| **Halogen Free** | G | Yes (Green) |
---
### 2. Component Identification (Part Number Breakdown)
Understanding the suffix and prefix of this specific part:
* **UT**: Unisonic Technologies (Manufacturer).
* **3N06**: Represents the Current (3A) and Voltage (60V) rating.
* **G**: Halogen-free and RoHS compliant (Green).
* **AB3**: Refers to the **SOT-89** package type.
* **R**: Tape and Reel packaging.
---
### 3. Features and Applications
#### Features
* **Low On-Resistance**: Minimizes power loss during conduction.
* **Fast Switching**: High-speed capability suitable for PWM circuits.
* **Logic Level Compatible**: Can be triggered by low-voltage signals (e.g., microcontrollers).
#### Common Applications
1. **Motor Control**: Small DC motor drivers and H-bridge circuits.
2. **Power Management**: Load switches in portable electronics.
3. **LED Drivers**: Switching control for high-brightness LED arrays.
4. **DC-DC Converters**: Low-power step-down or step-up modules.
---
### 4. Pinout Configuration (SOT-89)
Looking at the front of the component (pins pointing down):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **Gate (G)** | Controls the turning on/off of the MOSFET. |
| **2** | **Drain (D)** | Connected to the load (also the large metal tab). |
| **3** | **Source (S)** | Connected to the ground or negative supply. |
- ⤷
What are the equivalent alternative parts for the UT3N06G?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller pin?
- ⤷ What is the maximum power dissipation for the SOT-89 package version?