UT4392G-S08-R
AI

## Technical Overview of UT4392G-S08-R
The **UT4392G-S08-R** is a high-performance **N-Channel enhancement mode Power MOSFET** manufactured by Unisonic Technologies (UTC). It is primarily designed for high-efficiency switching applications, such as power management in notebooks and DC-DC converters.
---
### 1. Key Technical Specifications
The following table highlights the absolute maximum ratings and electrical characteristics:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DSS}$ | 30 | V |
| Gate-Source Voltage | $V_{GSS}$ | ±20 | V |
| Continuous Drain Current | $I_D$ | 11 | A |
| Pulsed Drain Current | $I_{DM}$ | 50 | A |
| Power Dissipation ($T_A=25°C$) | $P_D$ | 2.5 | W |
| On-State Resistance ($V_{GS}=10V$) | $R_{DS(ON)}$ | 12 (Typ) | mΩ |
| Operating Junction Temp | $T_J$ | -55 ~ +150 | °C |
---
### 2. Physical and Packaging Details
The suffix in the part number provides specific information regarding its physical form and environmental compliance:
* **Package Type (S08):** It comes in an **SOP-8** (Small Outline Package) 8-pin surface mount package.
* **Halogen-Free (G):** The "G" indicates that the part is Halogen-free and RoHS compliant.
* **Packing (R):** The "R" usually denotes "Tape and Reel" packaging for automated assembly.
### 3. Pin Configuration (SOP-8)
In a standard SOP-8 N-Channel MOSFET configuration, the pins are typically assigned as follows:
1. **Pins 1, 2, 3:** Source ($S$)
2. **Pin 4:** Gate ($G$)
3. **Pins 5, 6, 7, 8:** Drain ($D$)
---
### 4. Features and Applications
#### Features:
* **Low On-Resistance:** Reduces conduction losses, improving overall energy efficiency.
* **Fast Switching Speed:** Optimized for high-frequency PWM (Pulse Width Modulation) circuits.
* **High Density Cell Design:** High power-to-size ratio.
#### Common Applications:
* **DC-DC Converters:** Used as the main switch in buck or boost regulators.
* **Power Management:** Battery protection circuits and load switching in portable electronics.
* **Motor Control:** Small DC motor drivers.
---
- ⤷What are the equivalent MOSFET alternatives for UT4392G?
- ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
- ⤷ What is the recommended thermal management strategy for the SOP-8 package?