UT4411G-S08-R
AI

The **UT4411G-S08-R** is a high-performance **P-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. It is widely used in power management applications due to its low on-state resistance and efficient switching capabilities.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the UT4411G-S08-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | -8.0 A |
| **Pulsed Drain Current** | $I_{DM}$ | -40 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 32 mΩ (typ.) @ $V_{GS}=-10V$ |
| **Total Gate Charge** | $Q_g$ | 21 nC (typ.) |
| **Package Type** | SOP-8 | Surface Mount |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix of the part number helps in identifying the specific variant:
* **UT4411**: The core model number (P-Channel MOSFET).
* **G**: Denotes "Halogen Free" and RoHS compliance.
* **S08**: Refers to the **SOP-8** (Small Outline Package) with 8 pins.
* **R**: Indicates the packaging method, typically **Tape & Reel**.
---
### 3. Pin Configuration (SOP-8)
In a standard SOP-8 package for this MOSFET, the pins are generally assigned as follows:
1. **Pins 1, 2, 3**: Source (S)
2. **Pin 4**: Gate (G)
3. **Pins 5, 6, 7, 8**: Drain (D)
*Note: Connecting multiple pins for Source and Drain helps in heat dissipation and reduces parasitic resistance.*
---
### 4. Features and Applications
#### Features
* **Low $R_{DS(ON)}$**: Minimizes conduction losses, increasing efficiency in battery-powered devices.
* **Fast Switching**: High-speed capability suitable for PWM applications.
* **Green Product**: Lead-free and halogen-free construction.
#### Common Applications
* **Load Switching**: Used to turn power rails on/off in laptops and tablets.
* **Battery Protection**: Ideal for Li-ion battery management systems (BMS).
* **DC-DC Converters**: Used in the buck/boost stages of power supplies.
* **Inverters**: Power stage for small motor drives or CCFL inverters.
---
### 5. Circuit Symbol
```text
Drain (D)
|
+----+----+
| | |
--+-- | --+--
--+-- | --+-- (P-Channel Internal Diode)
| | |
+----|<---+
|
Source (S)
|
Gate (G)
```
- ⤷
What are the thermal resistance characteristics of the UT4411G in the SOP-8 package?
- ⤷ Can this MOSFET be driven directly by a 3.3V logic microcontroller?
- ⤷ What are the recommended equivalents or alternatives for the UT4411G?