UT4430G-S08-R
AI

## Technical Overview: UT4430G-S08-R
The **UT4430G-S08-R** is an N-Channel enhancement mode power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency switching applications, particularly in power management circuits.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the UT4430G-S08-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | 18 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 5.5 mΩ (@ $V_{GS}$ = 10V) |
| **Total Gate Charge** | $Q_g$ | 45 nC (typical) |
| **Operating Temperature** | $T_J$ | -55 to +150 °C |
---
### 2. Package and Part Number Breakdown
The suffixing in the part number provides specific information about the manufacturing and packaging:
* **UT4430**: Base part number.
* **G**: Halogen-free and RoHS compliant (Green product).
* **S08**: SOP-8 (Small Outline Package) 8-pin package.
* **R**: Tape and Reel (Packaging method for automated assembly).
---
### 3. Features and Benefits
* **Low On-Resistance ($R_{DS(ON)}$):** Minimizes conduction losses, leading to higher efficiency and less heat generation.
* **High Density Cell Design:** Allows for high current handling capabilities in a small footprint.
* **Fast Switching Speed:** Optimized gate charge allows for high-frequency operation.
* **SOP-8 Package:** Industry-standard surface mount package compatible with automated pick-and-place machines.
---
### 4. Common Applications
This MOSFET is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Used as a switching element for buck or boost regulators.
2. **Power Management:** Battery protection circuits and power load switches.
3. **Synchronous Rectification:** Used in high-efficiency AC-DC power supplies.
4. **Motor Control:** Driving small DC motors in consumer electronics.
---
### 5. Pin Configuration (SOP-8)
In a standard SOP-8 configuration for this MOSFET:
* **Pins 1, 2, 3:** Source (S)
* **Pin 4:** Gate (G)
* **Pins 5, 6, 7, 8:** Drain (D)
---
- ⤷What are the thermal resistance values for the UT4430G in a SOP-8 package?
- ⤷ Is there a P-Channel complementary MOSFET often used with the UT4430G?
- ⤷ What are the recommended gate drive voltages for optimal efficiency?