UT4812L-S08-R
AI

The **UT4812L-S08-R** is a high-performance, Dual N-Channel enhancement mode Power MOSFET manufactured by Unisonic Technologies (UTC). It is primarily designed for power management applications where space is limited and efficiency is critical.
---
## 1. Key Specifications and Features
The UT4812L-S08-R is characterized by its low "On-Resistance" and high-speed switching capabilities.
| Parameter | Value / Specification |
| :--- | :--- |
| **Channel Type** | Dual N-Channel |
| **Drain-Source Voltage ($V_{DSS}$)** | 30V |
| **Continuous Drain Current ($I_D$)** | 6.9A (at $25^{\circ}C$) |
| **On-Resistance ($R_{DS(ON)}$)** | $\approx$ 28m$\Omega$ @ $V_{GS}=10V$ |
| **Package Type** | SOP-8 (Surface Mount) |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$ 20V |
| **Lead-Free Status** | Halogen-Free / RoHS Compliant (Suffix 'L') |
---
## 2. Pin Configuration (SOP-8)
In the SOP-8 package, the device integrates two independent N-Channel MOSFETs.
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | S1 | Source 1 |
| 2 | G1 | Gate 1 |
| 3 | S2 | Source 2 |
| 4 | G2 | Gate 2 |
| 5, 6 | D2 | Drain 2 |
| 7, 8 | D1 | Drain 1 |
---
## 3. Technical Applications
Due to its dual-channel configuration and low thermal resistance, this part is commonly found in:
* **DC-DC Converters:** Used as a switching element in buck or boost regulators.
* **Battery Protection:** Ideal for Li-ion battery management systems.
* **Load Switching:** Efficiently turning on/off peripherals in laptops and mobile devices.
* **Motor Control:** Driving small DC motors or fan controllers.
---
## 4. Part Number Breakdown
Understanding the UTC nomenclature helps identify the specific variant:
* **UT4812**: The basic model/series number.
* **L**: Indicates **Lead-free** and Halogen-free plating.
* **S08**: Refers to the **SOP-8** package.
* **R**: Indicates the packing type, typically **Tape and Reel**.
---
- ⤷
What are the equivalent MOSFETs that can replace the UT4812L-S08-R?
- ⤷ How does the power dissipation of this MOSFET change with temperature?
- ⤷ What is the maximum gate threshold voltage (Vgs(th)) for this device?