UT4957G-S08-R
AI

### UT4957G-S08-R Electronic Component Overview
The **UT4957G-S08-R** is a specialized power management component, specifically a **Dual P-Channel Enhancement Mode Power MOSFET**. It is designed to handle switching and power conversion tasks in compact electronic circuits.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the UT4957G-S08-R:
| Parameter | Symbol | Value | Unit |
|:---|:---:|:---:|:---:|
| **Drain-Source Voltage** | $V_{DSS}$ | -30 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V |
| **Continuous Drain Current** | $I_D$ | -7.2 | A |
| **Pulsed Drain Current** | $I_{DM}$ | -30 | A |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 28 (max) | mΩ |
| **Package Type** | SOP-8 | - | - |
---
### 2. Physical Structure and Pinout
The device is housed in an **SOP-8 (Small Outline Package)**, containing two independent P-Channel MOSFETs.
* **SOP-8 Pin Configuration:**
1. Source 1 (S1)
2. Gate 1 (G1)
3. Source 2 (S2)
4. Gate 2 (G2)
5. Drain 2 (D2)
6. Drain 2 (D2)
7. Drain 1 (D1)
8. Drain 1 (D1)
---
### 3. Core Features
* **Low On-Resistance:** The low $R_{DS(ON)}$ ensures minimal power loss during operation, improving overall energy efficiency.
* **High Switching Speed:** Optimized for high-frequency switching applications.
* **Halogen-Free:** The "G" in the part number usually indicates a "Green" (halogen-free) device.
* **RoHS Compliant:** The "R" suffix typically refers to Tape & Reel packaging and compliance with environmental standards.
---
### 4. Typical Applications
This component is commonly found in the following systems:
1. **Power Management:** Used in DC-DC converters and power distribution switches.
2. **Battery Protection:** Ideal for battery-powered portable devices due to its small footprint.
3. **Motor Control:** Small DC motor drivers and load switching.
4. **Inverters:** LCD TV/Monitor backlight inverters.
---
### 5. Identification Code Breakdown
`UT4957G-S08-R`
* **UT:** Manufacturer code (UTC - Unisonic Technologies).
* **4957:** Model series identifier.
* **G:** Halogen-free and Lead-free (Green).
* **S08:** SOP-8 Package.
* **R:** Tape & Reel packing.
- ⤷What are the equivalent alternatives for the UT4957G?
- ⤷ How do the thermal characteristics of the SOP-8 package affect its performance?
- ⤷ What is the difference between a P-channel and an N-channel MOSFET in power circuits?