UT4957L-S08-R
AI

The **UT4957L-S08-R** is a high-performance Dual P-Channel enhancement mode Power MOSFET manufactured by Unisonic Technologies (UTC). It is primarily designed for power management and switching applications where space and efficiency are critical.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the UT4957L-S08-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :---: | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | -7.0 A |
| **Pulsed Drain Current** | $I_{DM}$ | -30 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 28 mΩ @ $V_{GS}$ = -10V |
| **Total Gate Charge** | $Q_g$ | 21 nC (Typical) |
| **Operating Temperature** | $T_j$ | -55 to +150 °C |
---
### 2. Physical and Package Characteristics
The nomenclature "S08-R" indicates the packaging and delivery format:
* **Package Type:** SOP-8 (Small Outline Package).
* **Configuration:** Dual MOSFET (Two independent P-Channel MOSFETs in one chip).
* **Packing:** Tape and Reel (indicated by the "-R").
* **Lead-Free:** The "L" indicates a Lead-free/Halogen-free assembly.
---
### 3. Pin Configuration (SOP-8)
Since it is a dual P-Channel device, the 8 pins are typically assigned as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **S1** | Source 1 |
| 2 | **G1** | Gate 1 |
| 3 | **S2** | Source 2 |
| 4 | **G2** | Gate 2 |
| 5, 6 | **D2** | Drain 2 |
| 7, 8 | **D1** | Drain 1 |
---
### 4. Typical Applications
The UT4957L is commonly used in low-voltage, high-current circuits such as:
* **Load Switches:** Turning power rails on/off in portable devices.
* **Battery Management:** Protection circuits and charging paths for Li-ion batteries.
* **DC-DC Converters:** Buck or Boost converters in laptops and mobile electronics.
* **Motor Drives:** Small DC motor control circuits.
### 5. Features
* **Low $R_{DS(ON)}$:** Minimizes power loss due to heat during conduction.
* **Fast Switching:** High speed for efficient power conversion.
* **High Power Density:** Provides two MOSFETs in a compact SOP-8 footprint, saving PCB space.
---
- ⤷What is the difference between a P-Channel and an N-Channel MOSFET in power circuits?
- ⤷ How do I calculate the power dissipation for the UT4957L in my design?
- ⤷ Are there any recommended gate driver ICs for this specific MOSFET?