UT5504G-S08-R
AI

The **UT5504G-S08-R** is a high-performance, P-Channel enhancement mode Power MOSFET manufactured by Unisonic Technologies (UTC). It is primarily designed for high-speed switching applications and power management in compact electronic devices.
---
### ## Technical Specifications
Below is a breakdown of the core electrical characteristics:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DSS}$ | -30 | V |
| Gate-Source Voltage | $V_{GSS}$ | ±20 | V |
| Continuous Drain Current | $I_D$ | -12 | A |
| Pulsed Drain Current | $I_{DM}$ | -40 | A |
| Static Drain-Source On-Resistance | $R_{DS(ON)}$ | 11 (Typ @ -10V) | mΩ |
| Total Gate Charge | $Q_g$ | 24 (Typ) | nC |
---
### ## Key Features
* **Low On-Resistance:** High density cell design ensures extremely low $R_{DS(ON)}$, which reduces conduction power losses.
* **High Speed:** Optimized for fast switching speeds, making it ideal for DC-DC converters.
* **Package Type:** Usually comes in an **SOP-8** (Small Outline Package) or similar surface-mount footprint, which is space-efficient for PCB layouts.
* **Green Product:** The "G" suffix indicates it is a halogen-free/lead-free "Green" product, and the "R" indicates Tape & Reel packaging.
---
### ## Internal Structure and Pinout
The SOP-8 package typically follows a standard configuration for Power MOSFETs:
1. **Pins 1, 2, 3:** Source (S)
2. **Pin 4:** Gate (G)
3. **Pins 5, 6, 7, 8:** Drain (D)
---
### ## Applications
The UT5504G is versatile and commonly found in the following circuits:
* **Power Management:** Used in battery protection circuits for laptops and mobile devices.
* **Load Switching:** Acts as a high-side switch to connect or disconnect a load from the power supply.
* **DC-DC Converters:** Used in buck or boost regulators where high efficiency is required.
* **Motor Control:** Small DC motor drive stages.
- ⤷
What are the equivalent alternative parts for the UT5504G?
- ⤷ How does the thermal resistance of the SOP-8 package affect its current handling?
- ⤷ Can this MOSFET be used with logic-level gate signals (3.3V or 5V)?