UT60T03L-TF3-R
AI

The **UT60T03L-TF3-R** is a Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by UTC (Unisonic Technologies). It is designed for high-current, low-voltage switching applications, typically found in power management systems.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electrical characteristics of this component:
| Parameter | Symbol | Maximum Rating / Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 V |
| **Continuous Drain Current** | $I_D$ | 60 A |
| **Pulsed Drain Current** | $I_{DM}$ | 240 A |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **On-State Resistance** | $R_{DS(ON)}$ | 12 mΩ (at $V_{GS}$ = 10V) |
| **Package Type** | TO-220F | Through-hole (Isolated) |
---
### 2. Physical and Package Features
The suffix **TF3** indicates the package style:
* **Package Type:** TO-220F.
* **Insulation:** The "F" denotes a "Full Pack," meaning the tab is plastic-molded and electrically isolated. This allows the part to be mounted to a heatsink without needing an additional mica insulator.
* **Lead-Free:** The **-R** suffix typically indicates that the part is RoHS compliant and supplied in a specific packaging format (like Tape and Reel or specific Tube quantities).
---
### 3. Functional Applications
Due to its high current handling and low internal resistance ($R_{DS(ON)}$), the UT60T03L is commonly used in:
1. **DC-DC Converters:** Efficiently stepping down voltage in computer motherboards or industrial modules.
2. **Motor Drivers:** High-frequency switching for controlling the speed of DC motors.
3. **Battery Management:** Protection circuits and load switching in battery packs.
4. **Power Supplies:** Synchronous rectification to reduce heat dissipation.
---
### 4. Logic Level Compatibility
The **"L"** in the part number often signifies a **Logic-Level Gate Drive**. This means the MOSFET can reach a low $R_{DS(ON)}$ state even with a gate voltage as low as 4.5V to 5V, making it compatible with many microcontrollers (like Arduino or ESP32) without needing a dedicated gate driver IC.
---
- ⤷
What are the equivalent alternative parts for the UT60T03L?
- ⤷ How does the isolated TO-220F package affect thermal performance compared to a standard TO-220?
- ⤷ What is the typical gate threshold voltage for this specific MOSFET?