UT60T03L-TQ2-R
AI

The **UT60T03L-TQ2-R** is a high-power N-Channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency switching applications, such as power supplies and motor controllers.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the UT60T03L:
| Parameter | Symbol | Maximum Rating |
|:---|:---:|:---|
| **Drain-Source Voltage** | $V_{DSS}$ | 30V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20V |
| **Continuous Drain Current** | $I_D$ | 60A |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~12 mΩ (at $V_{GS}=10V$) |
| **Total Gate Charge** | $Q_g$ | 25 nC (typical) |
| **Operating Temperature** | $T_j$ | -55°C to +150°C |
---
### 2. Physical Packaging (TO-263)
The part suffix **TQ2** refers to the **TO-263** package (also known as D2PAK).
- **Form Factor:** Surface-mount device (SMD).
- **Thermal Performance:** Excellent heat dissipation capabilities due to the large metal tab.
- **Pin Configuration:**
1. **Gate:** Controls the switching of the MOSFET.
2. **Drain:** Connected to the large metal tab (output).
3. **Source:** Reference point for the gate and output.
---
### 3. Functional Features
* **Low On-Resistance ($R_{DS(ON)}$):** Reduces power loss during the "on" state, which improves overall system efficiency and minimizes heat generation.
* **High Switching Speed:** Capable of operating at high frequencies, making it suitable for PWM (Pulse Width Modulation) circuits.
* **Ruggedness:** Designed to handle high current surges and avalanche energy, providing reliability in inductive load switching.
---
### 4. Common Applications
Due to its 60A current rating and low voltage (30V), this MOSFET is typically found in:
1. **DC-DC Converters:** Stepping down voltage in computer motherboards or industrial power modules.
2. **Motor Drivers:** Controlling the speed and direction of small to medium DC motors.
3. **Battery Protection:** Used in BMS (Battery Management Systems) for lithium-ion packs.
4. **Load Switches:** Activating/deactivating specific power rails in electronic systems.
---
### 5. Ordering Information Breakdown
The part number can be decoded as follows:
- **UT:** UTC (Unisonic Technologies Co.) manufacturer code.
- **60T03L:** 60 Amps / 30 Volts / "L" denotes Low Gate Charge or Lead-free.
- **TQ2:** TO-263 Package.
- **R:** Tape & Reel (Packaging format).
- ⤷
What are the equivalent alternative MOSFETs for the UT60T03L?
- ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
- ⤷ What is the recommended thermal management strategy for this TO-263 package?