Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UT6898L-S08-R

  • AI
    The **UT6898L-S08-R** is a high-performance Dual N-Channel enhancement mode power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is manufactured by **Unisonic Technologies Co., Ltd (UTC)** and is commonly used for power management and switching applications. --- ### ## Technical Specifications Below are the key electrical characteristics typically associated with the UT6898L-S08-R: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage between Drain and Source | 20V | | **Gate-Source Voltage ($V_{GSS}$)** | Maximum voltage between Gate and Source | ±12V | | **Continuous Drain Current ($I_D$)** | Maximum current flow | ~9.4A | | **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | Resistance when the MOSFET is on | ~14mΩ @ $V_{GS}=4.5V$ | | **Package Type** | Physical casing format | SOP-8 | | **Configuration** | Internal layout | Dual N-Channel | --- ### ## Key Features 1. **Dual N-Channel Design**: Contains two independent N-channel MOSFETs in a single SOP-8 package, saving PCB space. 2. **Low On-Resistance**: The low $R_{DS(ON)}$ minimizes power dissipation during operation, improving efficiency. 3. **Fast Switching**: Optimized for high-frequency DC-DC conversion. 4. **Halogen-Free**: The "L" in the part number often signifies "Lead-free" or "Halogen-free" compliance (check datasheet for specific environmental codes). 5. **Tape and Reel**: The "-R" suffix indicates that the part is supplied in a Tape and Reel format for automated pick-and-place assembly. --- ### ## Applications This component is versatile and primarily used in low-voltage power electronics: * **Battery Protection**: Used in BMS (Battery Management Systems) for Li-ion packs. * **Load Switching**: Controlling power rails in laptops and handheld devices. * **DC/DC Converters**: Acting as the switching element in buck or boost regulators. * **Motor Drives**: Small DC motor control circuits. --- ### ## Pin Configuration (SOP-8) In a standard SOP-8 Dual N-Channel configuration, the pins are usually assigned as follows: ```text SOP-8 Top View +-------U-------+ 1 | S1 D1 | 8 2 | G1 D1 | 7 3 | S2 D2 | 6 4 | G2 D2 | 5 +---------------+ (S=Source, G=Gate, D=Drain) ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the SOP-8 package in this MOSFET?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What is the total gate charge (Qg) for the UT6898L?