Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UT8067G-S08-R

  • AI
    The **UT8067G-S08-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It is primarily designed as a high-performance **Synchronous Rectifier (SR) Controller** for Switch Mode Power Supplies (SMPS). --- ### 1. Technical Specifications The part number can be broken down to understand its characteristics: * **UT8067**: The core device model (Synchronous Rectifier Controller). * **G**: Halogen-free and Lead-free (Green product). * **S08**: SOP-8 Package type. * **R**: Tape and Reel packaging. | Parameter | Description | | :--- | :--- | | **Function** | Synchronous Rectification (SR) | | **Package** | SOP-8 | | **Supply Voltage (VDD)** | Typically up to 24V | | **Operating Temperature** | -40°C to +125°C | | **Drive Capability** | Optimized for driving N-Channel MOSFETs | --- ### 2. Key Features The UT8067 series is engineered to replace traditional Schottky diodes in power adapters to improve efficiency. * **Adaptive Control:** It detects the drain-to-source voltage ($V_{DS}$) of the MOSFET to determine the switching timing. * **Wide VDD Range:** Allows the IC to be powered directly from the output or an auxiliary winding. * **Protection Circuitry:** Includes Under-Voltage Lockout (UVLO) to ensure the system operates only when the voltage is stable. * **Low Standby Power:** Optimized for "Green Mode" operations to meet modern energy standards (like Energy Star). --- ### 3. Application Circuit Components In a typical power supply design, the UT8067 works alongside several other electronic components: 1. **Power MOSFET:** An external N-channel MOSFET that performs the actual rectification. 2. **Decoupling Capacitor:** A ceramic capacitor (usually $0.1\mu F$) placed near the VDD pin to filter noise. 3. **Gate Resistor:** Used between the IC's Gate pin and the MOSFET gate to control switching speed and dampen oscillations. 4. **RC Snubber:** Often placed across the MOSFET (Drain to Source) to suppress high-frequency voltage spikes. --- ### 4. Typical Applications * **AC/DC Adapters:** Used in laptop chargers and mobile phone fast chargers. * **Flyback Converters:** Ideal for secondary side rectification in flyback topologies. * **USB Power Delivery (PD):** High-efficiency power conversion for PD-compliant devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the UT8067G for SR control?
    • ⤷ Can you explain the pinout diagram for the SOP-8 version of this IC?
    • ⤷ How does synchronous rectification improve efficiency compared to Schottky diodes?