UT85N03L-TQ2-R
AI

## UT85N03L-TQ2-R: Electronic Component Analysis
The **UT85N03L-TQ2-R** is an N-Channel Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) designed by Unisonic Technologies (UTC). It is engineered for high-efficiency switching and low-voltage power management applications.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the device:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 | V |
| **Continuous Drain Current** | $I_D$ | 85 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 6.0 (max @ 10V) | mΩ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20 | V |
| **Total Gate Charge** | $Q_g$ | 45 | nC |
| **Package Type** | - | TO-263 (D2PAK) | - |
---
### 2. Physical and Package Characteristics
The "TQ2-R" suffix in the part number provides specific information about the physical form factor:
* **Package (TQ2):** Refers to the **TO-263** (also known as D2PAK). This is a surface-mount package designed for high power dissipation.
* **Packing (R):** Indicates **Tape and Reel** packaging, which is standard for automated Pick-and-Place assembly lines.
* **Thermal Pad:** The large metal tab on the back is connected to the **Drain**, allowing for efficient heat transfer to the PCB copper planes.
---
### 3. Functional Features
* **Logic Level Drive:** The "L" in the part number often indicates a **Logic Level** gate threshold, meaning the MOSFET can be fully turned on using 4.5V or 5V logic signals rather than needing 10V+.
* **Low $R_{DS(ON)}$:** This minimizes conduction losses, making it ideal for high-current applications where heat generation must be kept to a minimum.
* **Fast Switching:** Optimized gate charge allows for high-frequency operation, reducing switching losses in DC-DC converters.
---
### 4. Common Applications
Due to its high current handling and low resistance, the UT85N03L is typically found in:
1. **DC-DC Converters:** Synchronous rectification and buck converters for PC motherboards or industrial power supplies.
2. **Motor Controllers:** H-bridge circuits for driving DC motors in robotics or automotive accessories.
3. **Battery Management Systems (BMS):** Load switching and protection circuits in high-capacity battery packs.
4. **Power Inverters:** Stage conversion for renewable energy systems or UPS units.
---
### 5. Identification Code Breakdown
| Segment | Meaning |
| :--- | :--- |
| **UT** | Unisonic Technologies (Manufacturer) |
| **85N03** | 85 Amps / 30 Volts rating |
| **L** | Logic Level Gate Drive |
| **TQ2** | TO-263 Package |
| **R** | Tape and Reel |
- ⤷How does the thermal dissipation of the TO-263 package compare to a TO-220?
- ⤷ What is the maximum junction temperature (Tj) allowed for this MOSFET?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?