Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UTC4013L-S14-R

  • AI
    The **UTC4013L-S14-R** is a high-performance integrated circuit (IC) primarily consisting of two identical, independent data-type (D-type) flip-flops. It is manufactured by Unisonic Technologies Co. (UTC). --- ## 1. Technical Specifications The device is part of the CMOS logic family, designed for low power consumption and high noise immunity. | Parameter | Specification | | :--- | :--- | | **Logic Type** | Dual D-Type Flip-Flop | | **Package Type** | SOP-14 (Small Outline Package) | | **Supply Voltage (Vcc)** | 3V to 18V | | **Output Current** | 6.8mA (typical) | | **Operating Temperature** | -40°C to +85°C | | **Input Type** | Standard CMOS | | **Packing Type** | Tape & Reel (indicated by "-R") | --- ## 2. Pin Configuration The UTC4013L features 14 pins. Each flip-flop has independent Set, Reset, Clock, and Data inputs. | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1, 13 | Q1, Q2 | True Output | | 2, 12 | /Q1, /Q2 | Complementary Output | | 3, 11 | CLK1, CLK2 | Clock Input (Triggered on rising edge) | | 4, 10 | RST1, RST2 | Reset Input (Active High) | | 5, 9 | D1, D2 | Data Input | | 6, 8 | SET1, SET2 | Set Input (Active High) | | 7 | Vss | Ground (0V) | | 14 | Vdd | Positive Supply | --- ## 3. Key Functional Features * **Static Operation:** The flip-flop holds its state indefinitely as long as power is applied, regardless of clock frequency. * **Asynchronous Inputs:** The **Set** and **Reset** pins act independently of the clock. If both are low, the output is determined by the Data and Clock inputs. * **Edge-Triggering:** Data at the "D" input is transferred to the "Q" output only on the **positive-going transition** (rising edge) of the clock pulse. * **High Impedance:** CMOS technology ensures very low input leakage current. --- ## 4. Common Applications Due to its versatility and wide voltage range, the UTC4013L is used in various digital circuits: 1. **Toggle Switch:** By connecting the `/Q` output back to the `D` input, the IC functions as a divide-by-two counter (toggling on every clock pulse). 2. **Data Storage:** Used as a 1-bit memory cell to latch digital information. 3. **Pulse Synchronizers:** Aligning asynchronous signals with a system clock. 4. **Debouncing:** Cleaning up signals from mechanical switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Set/Reset priority and the Clock input in this IC?
    • ⤷ How does the 'L' suffix in the part number affect the device characteristics?
    • ⤷ Can this IC be used in a 5V TTL logic environment?