UTD405L-TN3-R
AI

The **UTD405L-TN3-R** is an N-channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is designed for high-density, high-current switching applications.
---
### 1. Key Technical Specifications
The following table outlines the fundamental electrical parameters of the UTD405L-TN3-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | 18 A |
| **Pulsed Drain Current** | $I_{DM}$ | 40 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 28 mΩ (at $V_{GS}=10V$) |
| **Total Power Dissipation** | $P_D$ | 30 W |
| **Package Type** | TO-252 (DPAK) | Surface Mount |
---
### 2. Functional Description
The UTD405L belongs to a class of MOSFETs optimized for low on-state resistance and fast switching.
* **Logic Level Compatibility:** The "L" in the part number often signifies "Logic Level," meaning the MOSFET can be fully turned on with a relatively low gate voltage (typically 4.5V to 5V), making it compatible with microcontrollers.
* **Packaging (TN3):** The TN3 suffix refers to the **TO-252** package (also known as DPAK). This is a surface-mount package designed for high power dissipation while maintaining a small footprint.
* **Packing (R):** The "R" indicates that the parts are supplied on **Tape and Reel** for automated assembly.
---
### 3. Pin Configuration
The TO-252 package typically follows this pinout standard:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **Gate (G)** | Controls the turning ON/OFF of the MOSFET. |
| **2** | **Drain (D)** | Connected to the load (connected to the tab). |
| **3** | **Source (S)** | Connected to the ground or negative supply. |
---
### 4. Common Applications
Due to its low $R_{DS(ON)}$ and high current capacity, this part is commonly found in:
* **DC-DC Converters:** For voltage regulation in power supplies.
* **Motor Control:** Driving small to medium DC motors.
* **Load Switches:** Used to turn power rails on/off in consumer electronics.
* **Power Management:** Battery protection circuits and management systems.
- ⤷What are the equivalent alternative parts for the UTD405L-TN3-R?
- ⤷ How does the gate threshold voltage affect its performance in 3.3V systems?
- ⤷ What is the recommended thermal management strategy for the TO-252 package?