UTD408-TN3-R
AI

## Electronic Analysis of the UTD408-TN3-R
The **UTD408-TN3-R** is a specific electronic component, typically identified as a **Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by UTC (Unisonic Technologies Co., Ltd). It is widely used in power management and switching applications.
---
### 1. Key Technical Specifications
The device is designed for high-efficiency switching. Below are the primary electrical characteristics:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 40 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | $\pm$20 | V |
| **Continuous Drain Current** | $I_D$ | 8 | A |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 28 (Typ.) | $m\Omega$ |
| **Package Type** | TO-252 | D-PAK | - |
| **Configuration** | N-Channel | Enhancement Mode | - |
---
### 2. Physical and Packaging Details
The "TN3-R" suffix in the part number provides specific information regarding its physical form and delivery:
* **TN3:** Refers to the **TO-252** (D-PAK) package. This is a surface-mount package designed for high power density and efficient heat dissipation.
* **R:** Indicates **Tape and Reel** packaging, suitable for automated Pick-and-Place assembly lines.
---
### 3. Functional Features
* **Fast Switching Speed:** Optimized for high-frequency DC-DC converters.
* **Low Gate Charge:** Reduces the power required from the gate driver, improving overall system efficiency.
* **High Power Dissipation:** The TO-252 package allows for significant thermal management when soldered to a PCB copper plane.
---
### 4. Common Applications
This MOSFET is generally found in circuits requiring efficient power switching:
1. **Motor Controllers:** Used for H-bridge or PWM control of small DC motors.
2. **DC-DC Converters:** Serving as the main switch in buck or boost regulators.
3. **Power Management:** Battery protection circuits and load switching in portable electronics.
4. **LED Lighting:** Used in constant current drivers for high-power LED arrays.
---
### 5. Equivalent/Alternative Parts
If this specific UTC part is unavailable, engineers often look for N-Channel MOSFETs with 40V / 8A-12A ratings in a TO-252 package, such as:
* **AOD484** (Alpha & Omega)
* **IRFR024N** (Infineon)
* **STD12N06** (STMicroelectronics)
- ⤷
What are the specific thermal resistance values for the UTD408 in a TO-252 package?
- ⤷ Can the UTD408 be driven directly by a 3.3V microcontroller GPIO?
- ⤷ What is the maximum pulsed drain current (IDM) for this component?