UTF3055G-TN3-R
AI

The **UTF3055G-TN3-R** is an N-Channel enhancement mode Power MOSFET designed by UTC (Unisonic Technologies). It is widely used in power management applications due to its high switching speed and low on-resistance.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the UTF3055G-TN3-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 60 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | 12 A |
| **Pulsed Drain Current** | $I_{DM}$ | 48 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 100 mΩ (at $V_{GS}=10V$) |
| **Total Power Dissipation** | $P_D$ | 45 W |
| **Operating Junction Temp.** | $T_J$ | -55 to +150 °C |
---
### 2. Physical and Packaging Details
The suffix in the part number provides specific information about the physical form factor and delivery method:
* **Package Type:** TO-252 (also known as D-PAK). This is a surface-mount package designed for high power density and efficient heat dissipation.
* **Packing:** The "-R" suffix typically indicates **Tape and Reel** packaging, suitable for automated pick-and-place assembly.
* **Halogen-Free:** The "G" in the part number indicates that the component is Halogen-free and RoHS compliant.
---
### 3. Features and Applications
#### Features
* **Low $R_{DS(ON)}$:** Minimizes conduction losses, increasing efficiency in power circuits.
* **High Switching Speed:** Allows for use in high-frequency PWM (Pulse Width Modulation) circuits.
* **Robustness:** Designed to handle high current pulses and thermal stress.
#### Common Applications
1. **DC-DC Converters:** Stepping voltages up or down in electronic devices.
2. **Motor Control:** Driving small to medium DC motors or brushless motors.
3. **Power Management:** Used in battery protection circuits and load switching.
4. **LED Drivers:** Controlling high-power lighting systems.
---
### 4. Pin Configuration (TO-252)
```text
_______
| | | <-- Tab (Drain)
|___|___|
| |
| 2 | (1) Gate : Control signal input
|_______| (2) Drain : Connected to the load
| | | (3) Source: Connected to ground (usually)
1 2 3
```
- ⤷
What are the equivalent alternative parts for the UTF3055G-TN3-R?
- ⤷ How does the gate threshold voltage affect its performance in 5V logic circuits?
- ⤷ What is the recommended heat sinking strategy for the TO-252 package at maximum current?