Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UTL1426-S08-R

  • AI
    The **UTL1426-S08-R** is a specific integrated circuit, commonly identified as a **N-Channel enhancement mode Power MOSFET**, typically manufactured by Unisonic Technologies (UTC). It is designed for efficient power management and switching applications. --- ### 1. General Specifications The following table highlights the key technical parameters for this component: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | Maximum voltage across drain and source | 20V - 30V (Series dependent) | | **Gate-Source Voltage ($V_{GS}$)** | Control voltage range | ±12V | | **Continuous Drain Current ($I_D$)** | Max current flow at $25^{\circ}C$ | ~5A to 6A | | **On-Resistance ($R_{DS(ON)}$)** | Resistance when fully "ON" | < 30mΩ (at $V_{GS}=4.5V$) | | **Package Type** | Physical housing | SOP-8 | | **Mounting Type** | Assembly method | Surface Mount (SMD) | --- ### 2. Pin Configuration (SOP-8) In the SOP-8 package, the pins are typically assigned as follows: 1. **Pins 1, 2, 3**: Source (S) 2. **Pin 4**: Gate (G) 3. **Pins 5, 6, 7, 8**: Drain (D) *Note: Connecting multiple pins to the Drain and Source helps in heat dissipation and reduces parasitic resistance.* --- ### 3. Key Features * **Low On-Resistance:** Minimizes power loss during conduction, improving energy efficiency. * **High Switching Speed:** Allows the device to operate effectively in high-frequency DC-DC converters. * **Low Threshold Voltage:** Can be driven directly by logic-level signals (e.g., from a microcontroller). * **Halogen-Free:** Usually complies with environmental safety standards (indicated by the "R" suffix in some naming conventions). --- ### 4. Common Applications The UTL1426 is primarily found in small-scale power electronics: * **Load Switching:** Turning power rails on/off in portable devices. * **Battery Management:** Protection circuits for Li-ion battery packs. * **DC-DC Converters:** Buck or Boost converters in laptops and tablets. * **LED Drivers:** Controlling the brightness/power of LED arrays. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UTL1426?
    • ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
    • ⤷ What is the thermal resistance rating for the SOP-8 package used in this part?