UTM2054G-AE3-R
AI

The **UTM2054G-AE3-R** is an N-Channel enhancement mode Power MOSFET, typically manufactured by UTC (Unisonic Technologies). It is designed for applications requiring high-speed switching and low gate charge.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the UTM2054G-AE3-R:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 20 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±12 | V |
| **Continuous Drain Current** | $I_D$ | 2.4 | A |
| **Pulsed Drain Current** | $I_{DM}$ | 10 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 65 (at $V_{GS}=4.5V$) | mΩ |
| **Package Type** | SOT-23 | --- | --- |
---
### 2. Functional Description
As an **N-Channel MOSFET**, this component acts as a voltage-controlled switch. When a positive voltage (higher than the threshold voltage $V_{GS(th)}$) is applied to the Gate relative to the Source, current flows from the Drain to the Source.
#### Key Features:
* **Low On-Resistance:** Reduces power dissipation during the "ON" state, improving efficiency.
* **Low Threshold Voltage:** Can be driven directly by logic-level signals (e.g., from a microcontroller).
* **High Switching Speed:** Suitable for PWM (Pulse Width Modulation) applications.
* **Halogen-Free:** The "G" in the part number usually indicates a Halogen-free and RoHS-compliant part.
---
### 3. Pin Configuration (SOT-23)
The device is housed in a standard 3-pin SOT-23 package:
1. **Gate (G):** Controls the switching of the MOSFET.
2. **Source (S):** Connected to the lower potential (often ground in low-side switching).
3. **Drain (D):** Connected to the load.
---
### 4. Common Applications
Due to its small footprint and efficient switching, the UTM2054G-AE3-R is widely used in:
* **Power Management:** DC-DC converters and load switches.
* **Battery Protection:** Circuits for mobile devices.
* **Motor Control:** Small DC motor drivers.
* **LED Driving:** Switching circuits for backlight or indicator LEDs.
- ⤷
What is the maximum gate threshold voltage for the UTM2054G-AE3-R?
- ⤷ Can this MOSFET be used for high-side switching in a 12V system?
- ⤷ What are the thermal resistance characteristics of the SOT-23 package for this part?