UTM2054L-AB3-R
AI

The **UTM2054L-AB3-R** is an N-Channel enhancement mode Power MOSFET, typically manufactured by UTC (Unisonic Technologies). It is designed for high-density mounting and efficient power management in compact electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DS}$)** | 20V | Maximum voltage across drain and source |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$12V | Maximum voltage applied to the gate |
| **Continuous Drain Current ($I_D$)** | ~0.5A to 0.7A | Maximum steady current capacity |
| **Drain-Source On-Resistance ($R_{DS(ON)}$)** | $\approx$ 0.45$\Omega$ @ 4.5V | Resistance when fully turned on |
| **Package Type** | SOT-89 | Surface-mount power package |
| **Configuration** | Single N-Channel | Standard 3-terminal MOSFET |
### 2. Physical Characteristics & Pinout
The **AB3** suffix indicates the **SOT-89** package, which is known for its relatively low profile and a large center tab for heat dissipation.
* **Pin 1 (Gate):** Controls the switching state of the MOSFET.
* **Pin 2 (Drain):** Connected to the larger tab for thermal management.
* **Pin 3 (Source):** Connected to the circuit ground/reference.
### 3. Core Features
* **Low Threshold Voltage:** Can be triggered by low-voltage logic (suitable for 1.8V, 2.5V, or 3.3V systems).
* **High Switching Speed:** Fast transition times make it ideal for high-frequency PWM applications.
* **Lead-Free / RoHS Compliant:** The "R" in the suffix usually denotes Halogen Free and RoHS compliance.
### 4. Typical Applications
The UTM2054L is commonly found in battery-powered or portable electronics due to its small footprint:
1. **Power Management:** Acting as a load switch in smartphones or tablets.
2. **DC-DC Converters:** Small-scale buck/boost converters.
3. **LED Driving:** Switching low-power LED arrays.
4. **Signal Switching:** High-speed logic level translation.
---
- ⤷What is the maximum power dissipation (Pd) for the UTM2054L in a SOT-89 package?
- ⤷ How does the RDS(on) change if the Gate-Source voltage is reduced to 2.5V?
- ⤷ Are there P-Channel complementary pairs available for this MOSFET?