UTM2513-TN3-R
AI

Based on the part number **UTM2513-TN3-R**, this is a specialized N-Channel Power MOSFET typically manufactured by **Unisonic Technologies (UTC)**. It is designed for high-speed switching applications and power management.
---
## 1. Technical Specifications
The UTM2513-TN3-R is a logic-level MOSFET optimized for low on-resistance and efficient thermal dissipation.
| Parameter | Symbol | Value (Typical) |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 20V to 30V |
| **Continuous Drain Current** | $I_D$ | 25A - 30A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~13mΩ to 20mΩ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Package Type** | TO-252 | (DPAK) |
| **Configuration** | Single | N-Channel |
---
## 2. Key Electronic Components & Features
### A. The N-Channel Structure
As an N-Channel MOSFET, the device remains "OFF" until a positive voltage is applied to the Gate relative to the Source. It is used as a "Low-side switch," meaning it is placed between the load and the ground.
### B. Package: TO-252 (TN3)
The suffix **TN3** indicates a **TO-252 package** (also known as DPAK).
- **Surface Mount:** Designed for automated assembly.
- **Thermal Pad:** The large metal tab on the back is connected to the Drain and acts as a primary heat sink.
- **Durability:** Offers a balance between high current capacity and a small physical footprint.
### C. Low Gate Charge ($Q_g$)
The internal capacitance of the gate is kept low to allow for high-speed switching. This reduces switching losses, making it suitable for PWM (Pulse Width Modulation) circuits.
---
## 3. Typical Applications
The UTM2513 is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Buck or Boost converters for motherboards and laptops.
2. **Motor Drivers:** Controlling small DC motors or brushless fans.
3. **Battery Protection:** Managing the charging and discharging cycles of Li-ion battery packs.
4. **Power Management:** Used in "Load Switches" to turn sections of a circuit on or off to save energy.
---
## 4. Part Number Decoding
The suffix provides specific manufacturing details:
- **UTM2513:** The base model/series number.
- **TN3:** Represents the **TO-252** package type.
- **R:** Indicates **Tape and Reel** packaging (standard for high-volume automated manufacturing).
- ⤷
What are the equivalent alternative part numbers for the UTM2513?
- ⤷ How do I calculate the power dissipation for this MOSFET in a 12V circuit?
- ⤷ What is the threshold gate voltage (Vgs(th)) for this specific model?