Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UTM4953G-S08-R

  • AI
    The **UTM4953G-S08-R** is a specific electronic component primarily used in power management and switching applications. Below is a detailed breakdown of its specifications, architecture, and common use cases. --- ## 1. General Overview The UTM4953G-S08-R is a **Dual P-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. It is designed to minimize on-state resistance while providing rugged, reliable, and fast switching performance. ### Key Features * **Dual Configuration:** Contains two independent P-Channel MOSFETs in a single package. * **Low On-Resistance:** Reduces power loss during operation. * **High Density Cell Design:** Optimizes the ratio of performance to physical size. * **Halogen-Free:** The "G" in the part number typically denotes a Halogen-free/Green compliant component. --- ## 2. Technical Specifications Typical parameters for this part (based on standard 4953 series characteristics) are summarized in the table below: | Parameter | Symbol | Typical Value | Unit | | :--- | :---: | :---: | :---: | | Drain-Source Voltage | $V_{DS}$ | -30 | V | | Gate-Source Voltage | $V_{GS}$ | ±20 | V | | Continuous Drain Current | $I_D$ | -5.0 | A | | Pulsed Drain Current | $I_{DM}$ | -20 | A | | Power Dissipation ($T_A = 25^\circ C$) | $P_D$ | 2.0 | W | | Static Drain-Source On-Resistance | $R_{DS(ON)}$ | ~55 - 65 | mΩ | --- ## 3. Package and Pinout The **S08** suffix indicates that the device is housed in an **SOP-8** (Small Outline Package with 8 pins) surface-mount package. ### Pin Configuration In a dual P-Channel SOP-8 package, the layout is generally as follows: * **Pin 1:** Source 1 (S1) * **Pin 2:** Gate 1 (G1) * **Pin 3:** Source 2 (S2) * **Pin 4:** Gate 2 (G2) * **Pin 5-6:** Drain 2 (D2) * **Pin 7-8:** Drain 1 (D1) --- ## 4. Common Applications Due to its dual-channel nature and P-channel characteristics (which simplify high-side switching), it is frequently used in: 1. **Power Management:** Load switching in portable devices (Laptops, Smartphones). 2. **Battery Protection:** Circuits requiring bidirectional current control. 3. **Inverters:** Specifically in CCFL (Cold Cathode Fluorescent Lamp) inverters for LCD backlighting. 4. **DC-DC Converters:** Serving as the switching element in buck or boost regulators. --- ## 5. Part Number Decoding The part number can be broken down to understand its manufacturing specifics: * **UTM:** Manufacturer prefix (often associated with Unisonic Technologies / UTC). * **4953:** Generic industry part number for dual P-Channel MOSFETs. * **G:** Halogen-free / Lead-free (Green). * **S08:** SOP-8 Package type. * **R:** Tape and Reel packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a P-Channel and an N-Channel MOSFET in power circuits?
    • ⤷ What are the recommended heat dissipation techniques for the SOP-8 package?
    • ⤷ Can I replace the UTM4953G with a generic Si4953?