Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UTM4953L-S08-R

  • AI
    ## Overview of UTM4953L-S08-R The **UTM4953L-S08-R** is a specific electronic component, primarily identified as a **Dual P-Channel Enhancement Mode Power MOSFET**. It is commonly manufactured by UTC (Unisonic Technologies Co.) and is designed for applications requiring high-density mounting and efficient power management. --- ### Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Dual P-Channel MOSFET | | **Package Type** | SOP-8 (Small Outline Package) | | **Drain-Source Voltage ($V_{DSS}$)** | -30V | | **Continuous Drain Current ($I_D$)** | Approx. -4.9A to -5.1A (depending on thermal conditions) | | **Gate-Source Voltage ($V_{GSS}$)** | ±20V | | **Drain-Source On-Resistance ($R_{DS(ON)}$)** | Low (typically ~53mΩ @ $V_{GS}=-10V$) | | **Configuration** | 2 Independent P-Channel MOSFETs in one chip | --- ### Key Features and Internal Structure 1. **Dual Configuration:** It contains two separate P-channel MOSFETs inside a single SOP-8 package. This saves PCB space and reduces the component count in complex circuits. 2. **Low On-Resistance:** Optimized to minimize power dissipation during conduction, improving overall energy efficiency. 3. **Fast Switching:** Capable of high-speed switching transitions, making it suitable for PWM (Pulse Width Modulation) applications. 4. **Logic Level Compatible:** Can be driven directly by low-voltage control signals. --- ### Pin Configuration (SOP-8) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Source 1 (S1)** | Source terminal of the first MOSFET | | 2 | **Gate 1 (G1)** | Gate terminal of the first MOSFET | | 3 | **Source 2 (S2)** | Source terminal of the second MOSFET | | 4 | **Gate 2 (G2)** | Gate terminal of the second MOSFET | | 5, 6 | **Drain 2 (D2)** | Drain terminals of the second MOSFET | | 7, 8 | **Drain 1 (D1)** | Drain terminals of the first MOSFET | --- ### Common Applications * **Power Management:** Used in battery protection circuits and power distribution switches. * **Load Switching:** Ideal for turning on/off peripheral power rails in laptops and mobile devices. * **Inverters:** Applied in the CCFL (Cold Cathode Fluorescent Lamp) inverter circuits for older LCD backlighting. * **DC-DC Converters:** Acts as a high-side switch in buck or boost regulators. --- ### Code Convention in Part Number * **UTM4953:** Basic part number (4953 is an industry-standard series for Dual P-Channel MOSFETs). * **L:** Lead-free (RoHS compliant). * **S08:** SOP-8 Package style. * **R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a P-channel and an N-channel MOSFET in power circuits?
    • ⤷ How does the RDS(ON) value affect the thermal performance of this component?
    • ⤷ What are the recommended thermal dissipation techniques for SOP-8 MOSFETs?