UTT30P06L-TN3-R
AI

The **UTT30P06L-TN3-R** is a specific Power MOSFET manufactured by UTC (Unisonic Technologies). It is designed for high-density, low-voltage applications requiring high-speed switching and low power loss.
---
## 1. Technical Specifications
The part number indicates specific electrical characteristics and package types. Below are the primary specifications:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Polarity** | P-Channel | Operates with negative gate-source voltage |
| **Drain-Source Voltage ($V_{DSS}$)** | -60 V | Maximum voltage the device can withstand |
| **Continuous Drain Current ($I_D$)** | -30 A | Maximum continuous current (at $25^\circ C$) |
| **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | 45 mΩ (Typ) | Resistance when the device is fully ON |
| **Gate Threshold Voltage ($V_{GS(th)}$)** | -1.0V to -3.0V | Voltage required to turn the device ON |
| **Package Type** | TO-252 (D-PAK) | Surface mount power package |
---
## 2. Key Features
* **Low On-Resistance:** Reduces heat dissipation and power loss during operation.
* **Fast Switching Speed:** Suitable for high-frequency pulse-width modulation (PWM) applications.
* **Trench Technology:** Utilizes high-density cell design to achieve extremely low $R_{DS(ON)}$.
* **RoHS Compliant:** Lead-free and environmentally friendly.
---
## 3. Application Areas
As a P-Channel MOSFET, it is frequently used in high-side switching configurations where the source is connected to the positive supply rail.
* **Power Management:** DC-DC converters and load switches.
* **Motor Control:** Driving small DC motors or stepping motors.
* **Battery Protection:** Managing charging and discharging paths in lithium-ion packs.
* **Automotive Electronics:** Interior lighting or peripheral power distribution.
---
## 4. Pin Configuration (TO-252)
The standard layout for the TN3 package is as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Gate (G)** | Controls the ON/OFF state of the MOSFET |
| 2/Tab | **Drain (D)** | Connected to the load |
| 3 | **Source (S)** | Connected to the power supply (High side) |
---
## 5. Part Number Decoding
The suffix provides information about the packaging:
* **UTT30P06L**: Basic model (30A, -60V, Trench).
* **TN3**: TO-252 Package.
* **R**: Tape and Reel packaging for automated SMT assembly.
- ⤷What is the difference between a P-channel and an N-channel MOSFET in a circuit?
- ⤷ How do I calculate the power dissipation for this MOSFET?
- ⤷ What are some equivalent alternative parts for the UTT30P06L?