UTT40P04L-S08-R
AI

The **UTT40P04L-S08-R** is a specific electronic component, primarily used in power management circuits. It is a P-Channel Enhancement Mode Power MOSFET manufactured by Unisonic Technologies (UTC).
---
### 1. General Specifications
This MOSFET is designed to handle high current and relatively low voltages, making it ideal for battery-powered applications and load switching.
| Parameter | Specification |
| :--- | :--- |
| **Polarity** | P-Channel |
| **Drain-Source Voltage ($V_{DSS}$)** | -40V |
| **Continuous Drain Current ($I_D$)** | -40A |
| **Gate-Source Voltage ($V_{GSS}$)** | ±20V |
| **On-State Resistance ($R_{DS(on)}$)** | ~13mΩ (at $V_{GS}=-10V$) |
| **Package Type** | SOP-8 (Surface Mount) |
---
### 2. Pin Configuration (SOP-8)
The SOP-8 package is a standard surface-mount housing with 8 pins. For this P-Channel MOSFET, the pinout typically follows the standard industry layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | **Source (S)** | Connected to the positive supply in P-channel logic |
| 4 | **Gate (G)** | Controls the switching of the MOSFET |
| 5, 6, 7, 8 | **Drain (D)** | Connected to the load |
---
### 3. Key Features
* **Low On-Resistance:** The low $R_{DS(on)}$ ensures minimal power loss (heat) during operation.
* **High Switching Speed:** Capable of high-frequency switching for PWM applications.
* **High Current Capability:** Despite the small SOP-8 footprint, it can handle up to 40A (provided adequate thermal management).
* **Trench Technology:** Utilizes high-density cell design to achieve low resistance and reliable performance.
---
### 4. Typical Applications
The UTT40P04L is commonly found in:
1. **Load Switches:** Turning power on/off for specific peripheral devices.
2. **Battery Protection:** Integrated into BMS (Battery Management Systems) for charging/discharging protection.
3. **DC-DC Converters:** Used in buck or boost regulators.
4. **Motor Control:** Driving small DC motors in consumer electronics.
---
### 5. Identification Code Breakdown
The part number can be decoded as follows:
* **UTT:** UTC Trench MOSFET Series.
* **40:** Current rating (approx. 40 Amperes).
* **P:** P-Channel.
* **04:** Voltage rating (40 Volts).
* **L:** Lead-free/Halogen-free.
* **S08:** SOP-8 Package.
* **R:** Tape and Reel packaging.
- ⤷What are the thermal management requirements for using this MOSFET at 40A?
- ⤷ How does a P-channel MOSFET differ from an N-channel in a circuit design?
- ⤷ What is the threshold voltage ($V_{GS(th)}$) for the UTT40P04L?