UTT40P04L-TND-R
AI

The **UTT40P04L-TND-R** is a high-performance, P-Channel enhancement mode Power MOSFET designed primarily for switching applications and power management.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Characteristic | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -40 | V |
| **Continuous Drain Current** | $I_D$ | -40 | A |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 17 (max @ -10V) | mΩ |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V |
| **Package Type** | TO-252 | D-PAK | - |
---
### 2. Physical and Structural Components
* **P-Channel Technology:** Unlike N-Channel MOSFETs, this device is "ON" when a negative voltage is applied to the gate relative to the source. This makes it ideal for high-side switching without needing a charge pump.
* **Package (TO-252/D-PAK):** A surface-mount package designed for high power density. It features a large metal tab on the back (the Drain) to assist in heat dissipation to the PCB.
* **Trench Technology:** The "L" in the part number often signifies a specific trench cell design which minimizes on-state resistance ($R_{DS(ON)}$) and reduces gate charge ($Q_G$), leading to higher efficiency.
---
### 3. Functional Features
* **Logic Level Compatibility:** It is designed to be triggered by relatively low gate voltages, making it compatible with various logic controllers.
* **Fast Switching:** Optimized for high-speed operation, which reduces power loss during the transition between the ON and OFF states.
* **Robustness:** High power handling capability (up to 40A) allows it to manage significant inductive and resistive loads.
---
### 4. Common Applications
1. **Power Management:** Used in DC-DC converters and load switches.
2. **Motor Control:** Acts as a high-side switch in H-bridge circuits for brushed DC motors.
3. **Battery Protection:** Integrated into BMS (Battery Management Systems) to disconnect loads or chargers.
4. **Reverse Polarity Protection:** Due to its P-channel nature, it can be used to protect circuits from incorrectly inserted batteries.
---
- ⤷
What are the specific advantages of using a P-channel MOSFET over an N-channel in high-side switching?
- ⤷ How does the TO-252 package impact the thermal management requirements for this part?
- ⤷ What is the threshold voltage range for the UTT40P04L?