Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • VBP104FAS

  • AI
    ### VBP104FAS: High-Speed Silicon PIN Photodiode The **VBP104FAS** is a high-speed, high-sensitivity silicon PIN photodiode designed by Vishay Intertechnology. It is commonly used for infrared radiation detection and is packaged in a surface-mount (SMD) format. --- ### 1. Key Technical Specifications The device is optimized for performance in the near-infrared spectrum and high-speed data transmission. | Parameter | Specification (Typical) | | :--- | :--- | | **Package Type** | Surface Mount (SMD) | | **Spectral Range** | 780 nm to 1050 nm | | **Peak Sensitivity Wavelength** | 950 nm | | **Photosensitive Area** | 7.5 mm² | | **Reverse Bias Voltage ($V_R$)** | Max 60 V | | **Reverse Dark Current ($I_{ro}$)** | 2 nA | | **Rise/Fall Time ($t_r/t_f$)** | 100 ns | | **Diode Capacitance ($C_D$)** | 25 pF (at $V_R = 3V$) | --- ### 2. Physical and Structural Parts The component is composed of several critical layers and materials: 1. **Silicon PIN Structure:** * **P-layer:** Heavily doped positive layer. * **I-layer (Intrinsic):** A wide, undoped layer that allows for a larger depletion region, resulting in lower capacitance and faster response times. * **N-layer:** Heavily doped negative layer. 2. **Daylight Blocking Filter:** * The "F" in the part number often indicates a black epoxy resin. This acts as a filter to block visible light while allowing infrared (IR) light to pass, reducing noise from ambient lighting. 3. **Flat Plastic Package:** * A surface-mount package with a flat top, providing a wide angle of half-sensitivity ($\phi = \pm 65^\circ$). --- ### 3. Functional Operation The VBP104FAS operates based on the **Photoelectric Effect**: * **Photon Absorption:** When IR light hits the intrinsic layer, it generates electron-hole pairs. * **Current Flow:** Under a reverse bias, these carriers are swept to the electrodes, creating a photocurrent proportional to the light intensity. * **High Speed:** Because of the PIN structure and low capacitance, it can switch on and off very rapidly, making it suitable for data communication. --- ### 4. Typical Application Circuit To use the VBP104FAS, it is typically connected in a **Photoconductive Mode** (Reverse Biased) for maximum speed. ```python # Conceptual Circuit Representation # [VCC] --- [Resistor] --- [Cathode (VBP104FAS) Anode] --- [GND] # | # [Signal Output] ``` --- ### 5. Common Applications * **High-Speed Data Transfer:** Infrared IRDA communication. * **Industrial Electronics:** Light barriers, counters, and encoders. * **Consumer Electronics:** Remote control receivers (TVs, AC units). * **Medical:** Pulse oximetry or optical sensors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the VBP104FAS and the standard BP104?
    • ⤷ How does the daylight blocking filter impact the signal-to-noise ratio?
    • ⤷ Which operational amplifier is recommended for converting the VBP104FAS photocurrent to voltage?