VDR10D330K
AI

## Understanding the VDR10D330K Varistor
The **VDR10D330K** is a Metal Oxide Varistor (MOV). These components are voltage-dependent resistors used primarily to protect electronic circuits against high-voltage surges and transients (such as lightning or inductive switching).
---
### 1. Part Number Breakdown
The nomenclature typically follows a standard industry format for MOVs:
| Part Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **VDR** | Component Type | Voltage Dependent Resistor (Varistor) |
| **10** | Disc Diameter | 10 mm (physical size of the ceramic disc) |
| **D** | Shape | Disk-shaped |
| **330** | Varistor Voltage | 33V (The first two digits are significant; the third is the multiplier $10^0$) |
| **K** | Tolerance | ±10% |
---
### 2. Technical Specifications
Below are the typical electrical characteristics for this specific part:
| Parameter | Value |
| :--- | :--- |
| **Varistor Voltage (at 1mA DC)** | 33V (Range: 29.7V to 36.3V) |
| **Maximum Allowable Voltage (AC)** | 20V RMS |
| **Maximum Allowable Voltage (DC)** | 26V |
| **Maximum Clamping Voltage** | ~65V (at specified peak pulse current) |
| **Withstanding Surge Current (8/20μs)** | ~500A to 1000A (Size dependent) |
| **Energy Absorption (10/1000μs)** | ~4.0 to 6.0 Joules |
| **Capacitance (Reference)** | ~1500pF to 3000pF |
---
### 3. Key Electronic Functions
1. **Transient Voltage Suppression:** Under normal operating voltages, the VDR maintains a very high resistance (Mega-ohms), acting almost like an open circuit.
2. **Clamping Action:** When a voltage spike exceeds the threshold (33V), the VDR’s resistance drops instantly. It shunts the excess current to ground or back to the source, "clamping" the voltage to a safe level for the downstream components.
3. **Bi-directional Protection:** Unlike a Zener diode, a Varistor is non-polarized and provides protection in both positive and negative directions of an AC or DC signal.
### 4. Common Applications
* **Low Voltage DC Supplies:** Protecting sensors, ICs, and microcontrollers in automotive or industrial 12V/24V systems.
* **Communication Lines:** Safeguarding data lines from electrostatic discharge (ESD).
* **Power Strips:** Used as a sacrificial element to absorb power surges.
---
### 5. Circuit Design Tip
> **Note:** Varistors degrade slightly every time they absorb a surge. If used in a high-exposure environment, it is recommended to place a **thermal fuse** in series with the VDR to prevent fire hazards in the event the component fails in a short-circuit state.
- ⤷
What is the difference between a Varistor and a TVS Diode?
- ⤷ How do I calculate the correct energy rating for a VDR in my circuit?
- ⤷ Can a VDR10D330K be used in a 110V AC power line application?