Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • VDR10D471K

  • AI
    ## Technical Overview: VDR10D471K The **VDR10D471K** is a Metal Oxide Varistor (MOV), a passive electronic component used primarily for **surge protection** and **voltage clamping**. It protects sensitive circuits from voltage spikes (transients) by shifting from a high-resistance state to a low-resistance state when a specific voltage threshold is reached. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **VDR** | Type | Voltage Dependent Resistor (Varistor) | | **10** | Size | Disk Diameter (10mm) | | **D** | Shape | Disc shape | | **471** | Voltage Code | 47 x 10^1 = **470V** (Varistor Voltage) | | **K** | Tolerance | ±10% | --- ### 2. Key Technical Specifications Below are the typical electrical parameters for this specific component: | Parameter | Value | | :--- | :--- | | **Varistor Voltage (at 1mA DC)** | 470V (Range: 423V - 517V) | | **Max Allowable AC Voltage (RMS)** | 300V AC | | **Max Allowable DC Voltage** | 385V DC | | **Max Clamping Voltage (at 25A)** | 775V | | **Peak Surge Current (8/20µs)** | 2500A | | **Energy Absorption (10/1000µs)** | ~60 - 70 Joules | | **Capacitance (Typical at 1kHz)** | ~180 pF | --- ### 3. How it Works The VDR functions as a **voltage-sensitive switch**: 1. **Normal Condition:** When the circuit operates at its rated voltage (e.g., 230V AC), the VDR has very high resistance (Mega-ohms). It remains "invisible" to the circuit, drawing negligible leakage current. 2. **Surge Event:** If a spike (from lightning, motor switching, or inductive loads) exceeds the clamping threshold, the resistance drops instantly (to Ohms or less). 3. **Clamping:** The VDR shunts the excess current to ground or neutral, limiting the voltage across the protected components to a safe level (**Clamping Voltage**). 4. **Recovery:** Once the surge passes, the VDR returns to its high-resistance state. --- ### 4. Common Applications * **Power Supplies:** Protecting AC-to-DC adapters and SMPS units. * **Consumer Electronics:** Televisions, computers, and home appliances. * **Industrial Equipment:** Protecting PLC inputs and motor controllers. * **Telecommunications:** Guarding communication lines against atmospheric interference. ### 5. Installation Tip ```markdown * Always place the VDR in parallel with the load you wish to protect. * It is highly recommended to use a fuse in series with the VDR. If the VDR fails (short circuit) due to a massive surge, the fuse will blow, preventing a potential fire hazard. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 10D471K and a 14D471K?
    • ⤷ How do I choose the correct varistor voltage for a 220V AC circuit?
    • ⤷ What are the common failure modes of a VDR?