VDR10D560KJ
AI

The **VDR10D560KJ** is a specific model of a Metal Oxide Varistor (MOV). It is a passive electronic component used primarily for voltage surge protection in electronic circuits.
---
### 1. Key Technical Specifications
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Type** | VDR / MOV | Voltage Dependent Resistor |
| **Disk Size** | 10D (10mm) | The diameter of the ceramic disk is 10mm. |
| **Varistor Voltage** | 560 (56V) | The voltage at which the device starts conducting (1mA DC). |
| **Tolerance** | K (±10%) | The allowable deviation from the rated varistor voltage. |
| **Packaging/Form** | J | Often indicates high energy or specific lead spacing (vendor dependent). |
### 2. Physical Characteristics
* **Material:** Composed of Zinc Oxide (ZnO) grains with other metal oxide additives.
* **Shape:** Radial leaded disc (resembles a ceramic capacitor but usually thicker and coated in epoxy).
* **Encapsulation:** Coated in flame-retardant epoxy resin (usually blue or yellow).
### 3. Electrical Functionality
The VDR acts as a "clamping" device. Its resistance changes based on the applied voltage:
1. **Normal State:** Under normal operating voltage, the VDR has high resistance and acts as an open circuit.
2. **Surge State:** When a high-voltage spike (like a lightning strike or inductive switching) occurs, the resistance drops instantly.
3. **Protection:** It shunts the excess current to ground or across the line, limiting the voltage to a level the circuit can handle.
### 4. Typical Applications
* **Power Supplies:** Protecting AC/DC power adapters from line transients.
* **Consumer Electronics:** Used in TVs, washing machines, and refrigerators.
* **Telecommunications:** Protection for data lines against static discharge.
* **Industrial:** Protection for motor controllers and PLC inputs.
---
### 5. Safety Considerations
> **Warning:** Varistors degrade over time after multiple surge events. If a VDR is charred or cracked, it has reached its end-of-life and must be replaced. In high-reliability designs, they are often paired with a thermal fuse to prevent fire in the event of a sustained overvoltage.
- ⤷
How do I calculate the correct voltage rating for a VDR in a 24V DC circuit?
- ⤷ What is the difference between a Varistor and a TVS Diode?
- ⤷ What happens if a VDR fails in a short-circuit mode?