AI

The **VDR10D561KJ** is a specific model of a **Voltage Dependent Resistor**, more commonly known as a **Metal Oxide Varistor (MOV)**. Its primary function is to protect electronic circuits from high-voltage surges and transients.
---
## 1. Technical Specifications
The part number follows a standard industry naming convention. Here is the breakdown of its core parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Varistor Voltage** | 560V | The voltage at which the device begins to conduct (typically measured at 1mA DC). |
| **Tolerance** | ±10% (K) | The allowable variation in the rated varistor voltage. |
| **Disk Size** | 10mm (10D) | The physical diameter of the ceramic disk (affects energy handling). |
| **Maximum AC Voltage** | 350V RMS | The highest continuous AC voltage it can handle without triggering. |
| **Maximum DC Voltage** | 450V DC | The highest continuous DC voltage it can handle. |
| **Energy Rating** | ~70-90 Joules | The amount of transient energy it can dissipate. |
---
## 2. Key Features
* **Non-linear Resistance:** At normal voltages, the VDR has very high resistance (acting as an open circuit). When a voltage spike occurs, the resistance drops instantly, shunting the current to ground.
* **Fast Response Time:** These devices react in nanoseconds ($<25ns$), making them ideal for protecting sensitive semiconductors.
* **Bi-directional:** It protects against both positive and negative voltage spikes.
* **Compact Form Factor:** The "10D" (10mm) size provides a balance between PCB space and surge current capability (usually around 2,500 Amps peak).
---
## 3. Circuit Application
In most designs, the VDR is placed **in parallel** with the AC input line.
```circuit
[ AC Line ] ----+---- [ Fuse ] ----+---- [ Load ]
| |
[VDR] [VDR] <-- Protects Load
| |
[ Neutral ] ----+------------------+----
```
### Common Uses:
1. **Power Supplies:** Protecting SMPS (Switch Mode Power Supplies) from lightning strikes or grid switching.
2. **Home Appliances:** Used in washing machines, refrigerators, and TVs.
3. **Industrial Equipment:** Protecting PLC inputs and motor controllers.
---
## 4. Safety Considerations
* **Failure Mode:** VDRs degrade over time with each surge they absorb. When they fail permanently, they often short-circuit.
* **Requirement for Fuse:** Because a failed VDR can cause a short, it **must** be used in conjunction with a thermal fuse or a standard circuit breaker to prevent fire hazards.
- ⤷What is the difference between a 10D561K and a 14D561K varistor?
- ⤷ How do I test if a VDR10D561KJ is still functioning correctly using a multimeter?
- ⤷ In what scenario should I choose a TVS diode over a VDR?