VIPER013L
AI

The **VIPER013L** is a high-voltage power converter from STMicroelectronics, part of the VIPerPlus family. It is specifically designed for high-performance off-line power supplies, integrating an 800V avalanche-rugged power MOSFET with a Pulse Width Modulation (PWM) controller.
---
### 1. Key Internal Components
The VIPER013L integrates several electronic stages into a single monolithic chip to reduce external part counts:
| Component | Function |
| :--- | :--- |
| **800V Power MOSFET** | Handles high input voltages and provides a high safety margin against voltage spikes. |
| **PWM Controller** | Manages the switching frequency and duty cycle for voltage regulation. |
| **High Voltage Startup** | Allows the chip to start directly from the rectified mains, eliminating the need for an external startup resistor. |
| **Error Amplifier** | Features an integrated 1.2V reference for precise output regulation. |
| **Protection Circuitry** | Includes thermal shutdown, overvoltage protection, and short-circuit protection. |
---
### 2. Pin Configuration (SSOP10 Package)
The device is typically housed in an SSOP10 package. Below are the primary pin functions:
| Pin Name | Description |
| :--- | :--- |
| **DRAIN** | Connected to the internal MOSFET drain. High voltage pin. |
| **SOURCE** | Ground reference for the control circuits and MOSFET source. |
| **VCC** | Supply voltage for the internal control logic. |
| **FB (Feedback)** | Input for the feedback loop to regulate the output voltage. |
| **CONT** | Used to adjust the switching frequency or limit current. |
---
### 3. Technical Specifications
* **Drain-Source Voltage ($V_{DS}$):** 800V (minimum).
* **Switching Frequency:** Fixed at 60 kHz (L-version).
* **Idlim (Current Limit):** Integrated limit to protect the transformer from saturation.
* **Power Consumption:** Extremely low (less than 10mW at no-load/standby).
* **Jittering:** Built-in frequency jittering to reduce EMI (Electromagnetic Interference) emissions.
---
### 4. Typical Application Circuit
The VIPER013L is most commonly used in **Flyback** or **Buck** converter topologies. Because it has an integrated error amplifier, it can be used in:
1. **Primary Regulation:** Sensing the voltage directly from the auxiliary winding.
2. **Secondary Regulation:** Using an optocoupler for higher precision isolation.
---
### 5. Notable Features
* **Pulse Burst Mode:** When the load is very light, the device enters "Burst Mode" to minimize power consumption, making it ideal for meeting "Green Energy" standards.
* **Soft Start:** Gradually increases the current limit during power-up to reduce mechanical stress on components.
* **Auto-Restart:** Automatically attempts to restart the power supply after a fault (like a short circuit) is removed.
- ⤷
What are the main differences between the VIPER013L and VIPER013H?
- ⤷ Can you provide a basic circuit diagram for a 5V buck converter using this chip?
- ⤷ How does the integrated 800V MOSFET improve reliability compared to external MOSFET designs?