VIPER06LN
AI

## Overview of the VIPER06LN
The **VIPER06LN** is a high-performance offline converter specifically designed for SMPS (Switched-Mode Power Supplies). It belongs to the **VIPerPlus** family by STMicroelectronics. This IC integrates an 800 V avalanche-rugged power MOSFET with PWM current-mode control.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **RDS(on)** | 32 $\Omega$ (typical) |
| **Switching Frequency** | 60 kHz (Fixed) |
| **Output Power** | Up to 7W (Wide range) / 10W (European range) |
| **Package** | DIP-7 |
---
### Internal Electronic Components
The VIPER06LN is an "Integrated Circuit" because it combines several functional stages into a single silicon chip:
1. **Power MOSFET**: An 800 V rugged transistor that handles the high-voltage switching.
2. **PWM Controller**: Manages the pulse-width modulation to regulate the output voltage.
3. **High Voltage Startup**: Includes an internal high-voltage current source, eliminating the need for external startup resistors.
4. **SenseFET**: A specialized structure to monitor the current flowing through the MOSFET without needing a high-power external sense resistor.
5. **Protection Circuits**: Includes thermal shutdown, overcurrent protection (OCP), and overvoltage protection (OVP).
---
### Pin Configuration (DIP-7)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **GND** | Ground and source of the internal MOSFET. |
| 2 | **VCC** | Supply voltage for the internal control logic. |
| 3 | **CONT** | Control pin for setting the current limit. |
| 4 | **FB** | Feedback input for regulation loop (usually via optocoupler). |
| 5-8 | **DRAIN** | High voltage drain of the MOSFET; also used for heat dissipation. |
---
### Distinctive Features
* **Jittering**: The switching frequency is slightly modulated (frequency jittering) to reduce EMI (Electromagnetic Interference) emissions.
* **Burst Mode Operation**: Under light load conditions, the IC enters burst mode to minimize power consumption (less than 30 mW at no load).
* **Safe Auto-Restart**: In case of a fault (like a short circuit), the device attempts to restart periodically rather than staying off or burning out.
---
- ⤷
What are the typical applications for the VIPER06LN?
- ⤷ How does the frequency jittering feature improve EMI performance?
- ⤷ What is the difference between the LN and HN versions of the VIPER06?