VIPER06X
AI

## Overview of the VIPER06X
The **VIPER06X** belongs to the VIPerPlus family of high-voltage converters developed by STMicroelectronics. It is an offline converter designed specifically for SMPS (Switched-Mode Power Supplies). It integrates an **800V avalanche-rugged power MOSFET** with a PWM controller on a single chip.
### Key Internal Components
The VIPER06X is composed of several critical electronic sub-systems that allow it to function efficiently in power conversion:
| Component | Function |
| :--- | :--- |
| **800V Power MOSFET** | The switching element that handles high voltage input and provides high reliability against voltage spikes. |
| **PWM Controller** | Regulates the output voltage by adjusting the duty cycle based on feedback. |
| **Startup High-Voltage Source** | Internal circuitry that allows the chip to start up directly from the rectified mains, eliminating the need for an external startup resistor. |
| **Current Sense** | Monitors the drain current to provide protection and control. |
| **Oscillator** | Sets the switching frequency (e.g., 30kHz, 60kHz, or 115kHz depending on the specific model suffix). |
---
### Pin Configuration and Functionality
The device is typically available in DIP-7 or SO16N packages. Below are the primary pins and their electronic roles:
1. **GND (Ground):** The common ground for both the control and power sections.
2. **VCC:** The power supply for the internal control logic. It usually requires a small electrolytic capacitor for stability.
3. **FB (Feedback):** The input for the feedback loop. This pin is used to regulate the output voltage, typically connected to an optocoupler.
4. **BR (Brown-out):** Monitors the input mains voltage to protect the system during low-voltage conditions (undervoltage).
5. **DRAIN:** The high-voltage pin connected to the drain of the internal MOSFET and the primary winding of the transformer.
---
### Technical Specifications
Here is a summary of the core electrical characteristics of the VIPER06X:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **$R_{DS(on)}$** | 30 $\Omega$ |
| **Input Voltage Range** | 85 to 265 VAC (Universal) |
| **Max Power Output** | ~8W (Open Frame, High Range) |
| **Standby Power** | < 30 mW at 265 VAC |
---
### Protection Features
The VIPER06X includes several embedded safety mechanisms to protect the power supply and the load:
* **Hysteretic Thermal Shutdown:** Turns the device off if the junction temperature exceeds ~150°C.
* **Overload Protection (OLP):** Detects if the output is drawing too much current and limits the power.
* **Short-Circuit Protection:** Protects against transformer saturation or output shorts.
* **Frequency Jittering:** Slightly varies the switching frequency to reduce EMI (Electromagnetic Interference) emissions.
- ⤷
What are the differences between the VIPER06X and VIPER16 variants?
- ⤷ How do you calculate the transformer primary inductance for a VIPER06X design?
- ⤷ Can the VIPER06X be used in a non-isolated buck converter topology?