VIPER06XSTR
AI

The **VIPER06XSTR** is a high-performance, offline power converter part of the VIPerPlus family from STMicroelectronics. It is specifically designed for small, efficient, and low-cost switched-mode power supplies (SMPS).
---
## 1. Core Architecture
The VIPER06XSTR is an "all-in-one" solution that integrates a **PWM controller** and an **800V Power MOSFET** in a single package (typically SSOP10).
### Internal Components:
| Component | Function |
| :--- | :--- |
| **800V MOSFET** | Handles high-voltage switching and provides high robustness against surges. |
| **PWM Controller** | Manages the duty cycle to maintain stable output voltage. |
| **High Voltage Start-up** | Allows the chip to power itself directly from the rectified mains, eliminating the need for an external start-up resistor. |
| **Error Amplifier** | Integrated 1.2V reference for precise voltage regulation. |
---
## 2. Technical Specifications
The "X" in the part number specifically denotes the fixed switching frequency.
| Parameter | Specification |
| :--- | :--- |
| **Switching Frequency** | 60 kHz (Fixed) |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **$R_{DS(on)}$** | 32 $\Omega$ (Typical) |
| **Operating Supply ($V_{CC}$)** | 11.5 V to 23.5 V |
| **Max Output Power** | ~8W (Wide range) / ~12W (European range) |
| **Package** | SSOP10 (Tape and Reel) |
---
## 3. Key Features & Benefits
* **Jittered Frequency:** The switching frequency is slightly modulated to spread the energy of the harmonics, significantly reducing **EMI (Electro-Magnetic Interference)**.
* **Burst Mode Operation:** During light load or no-load conditions, the device enters "Burst Mode" to minimize power consumption (typically < 30mW at 265VAC).
* **Safety Protections:**
* **Hysteretic Over-Temperature Protection:** Shuts down if the chip gets too hot.
* **Over-Current Protection (OCP):** Limits the peak current through the MOSFET.
* **Over-Voltage Protection (OVP):** Protects the secondary circuit from voltage spikes.
---
## 4. Typical Application Circuit
The VIPER06XSTR is commonly used in **Flyback** or **Buck** converter topologies. Below is a conceptual representation of its integration:
```text
AC Input -> Bridge Rectifier -> Bulk Capacitor -> [VIPER06XSTR] -> Transformer/Inductor -> DC Output
|
Feedback Loop (Optocoupler)
```
### Applications:
* Power supplies for home appliances (washers, fridges).
* LED lighting drivers.
* Adapters for tablets and smartphones.
* Auxiliary power supplies for industrial equipment.
- ⤷
What are the differences between the VIPER06X and the VIPER06L versions?
- ⤷ How do I calculate the transformer primary inductance for a VIPER06X design?
- ⤷ What is the thermal management requirement for the SSOP10 package at 8W output?