VIPER113XSTR
AI

The **VIPER113XSTR** belongs to the VIPerPlus family of high-voltage converters developed by STMicroelectronics. It is an integrated offline power converter specifically designed for high-efficiency SMPS (Switched-Mode Power Supplies).
---
## 1. Key Component Overview
The VIPER113XSTR integrates a **PWM controller** and an **800 V avalanche-rugged Power MOSFET** into a single small-outline package (SSOP10). This integration reduces the component count and PCB size for power supplies.
### Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **Drain Current ($I_{D}$)** | 350 mA (Peak) |
| **Switching Frequency** | 30 kHz (Fixed) |
| **Supply Voltage ($V_{CC}$)** | 4.5 V to 30 V |
| **Package** | SSOP10 (Tape and Reel) |
| **Topology Support** | Buck, Buck-Boost, Flyback |
---
## 2. Integrated Electronic Features
### A. High Voltage Startup
The chip includes an internal high-voltage current source. When power is applied, it charges the $V_{CC}$ capacitor directly from the rectified mains, eliminating the need for external startup resistors and reducing standby power consumption.
### B. Control Logic & PWM
The device uses **Current Mode Control**. This provides excellent line and load regulation and simplifies the compensation network. The internal 30 kHz oscillator is "jittered" to reduce EMI (Electromagnetic Interference) emissions.
### C. Protections (Embedded)
The VIPER113XSTR is highly robust due to its built-in protection circuits:
1. **Overvoltage Protection (OVP):** Shuts down the device if the output voltage exceeds a threshold.
2. **Short Circuit Protection:** Protects the system during a secondary-side short.
3. **Thermal Shutdown:** Includes a sensor that disables switching if the junction temperature exceeds ~150°C.
4. **Pulse-by-Pulse Current Limit:** Limits the peak current through the MOSFET to prevent saturation.
---
## 3. Typical Application Circuit (Flyback)
Below is a conceptual representation of how the pins are utilized in a standard circuit:
```mermaid
graph LR
Input[AC Mains] --> Rect[Bridge Rectifier]
Rect --> VDRAIN[VIPER113 - Drain Pin]
VDRAIN --> Trans[Transformer/Inductor]
Trans --> Output[DC Out]
Output --> FB[Feedback Optocoupler]
FB --> FB_Pin[VIPER113 - FB Pin]
```
---
## 4. Advantages and Use Cases
* **Low Standby Power:** Consumes less than 10 mW at 230 $V_{AC}$ in no-load conditions.
* **Safety:** The 800 V rating provides a high safety margin against voltage spikes on the AC line.
* **Applications:**
* Home appliances (washing machines, refrigerators).
* Home automation (IoT sensors, smart switches).
* LED lighting drivers.
* Industrial auxiliary power supplies.
- ⤷
What are the differences between the VIPER113 and VIPER114 models?
- ⤷ Can the VIPER113XSTR be used in non-isolated Buck converter topologies?
- ⤷ How does frequency jittering specifically help with EMI compliance?