VIPER114LSTR
AI

## Overview of the VIPER114LSTR
The **VIPER114LSTR** is a high-voltage converter belonging to the **VIPerPlus** family by STMicroelectronics. It is an integrated "Offline Converter" that combines a high-performance PWM (Pulse Width Modulation) controller with an 800V avalanche-rugged Power MOSFET.
It is primarily used in **Switched-Mode Power Supplies (SMPS)** to create compact, efficient, and low-power AC-DC converters.
---
### Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **Drain Peak Current ($I_{Dlim}$)** | 480 mA |
| **Switching Frequency** | 60 kHz (Fixed) |
| **Package Type** | SSOP10 (Surface Mount) |
| **$R_{DS(on)}$** | 6 $\Omega$ (Typical) |
| **Max Output Power** | ~7W (Wide Range) / ~12W (European Range) |
---
### Core Electronic Components (Internal)
1. **800V Power MOSFET**: The heart of the chip. Its high voltage rating allows the device to withstand significant voltage spikes without the need for complex snubber circuits in many designs.
2. **High-Voltage Startup Cell**: This allows the chip to start up directly from the rectified mains voltage, eliminating the need for an external startup resistor and reducing "standby" power consumption.
3. **PWM Controller**: Regulates the power delivery by adjusting the duty cycle of the MOSFET based on feedback.
4. **Error Amplifier**: Includes an integrated 1.2V reference voltage for precise regulation.
5. **Protection Circuitry**:
* **Pulse-skip mode**: Reduces switching frequency at light loads to save energy.
* **Overvoltage Protection (OVP)**: Protects against voltage surges.
* **Thermal Shutdown**: Turns off the device if it exceeds safe operating temperatures ($150^\circ\text{C}$).
---
### Pin Configuration (SSOP10)
| Pin Name | Function |
| :--- | :--- |
| **DRAIN** | Connected to the internal Power MOSFET drain and high-voltage startup. |
| **GND** | Ground/Source connection for the MOSFET and control logic. |
| **VCC** | Supply voltage for the internal control logic. |
| **FB (Feedback)** | Input for the feedback loop to regulate the output voltage. |
| **LIM** | Allows setting the current limit (optional via external resistor). |
---
### Typical Application Circuit
The VIPER114LSTR is commonly used in **Flyback** or **Buck** converter topologies. Below is a conceptual representation of its integration:
```text
AC Input -> Bridge Rectifier -> Bulk Capacitor -> VIPER114LSTR (Transformer Primary)
|
Feedback Loop (Optocoupler)
|
DC Output (Secondary Side)
```
---
### Advantages
* **Low Standby Power**: Consumes less than 10mW at 230VAC in no-load conditions.
* **Safety**: Integrated frequency jittering reduces EMI (Electromagnetic Interference) emissions.
* **Space Saving**: The SSOP10 package and integrated MOSFET significantly reduce the PCB footprint.
- ⤷
What are the main differences between the VIPER114 and the VIPER122 models?
- ⤷ Can the VIPER114LSTR be used in a non-isolated Buck converter topology?
- ⤷ How do you calculate the transformer primary inductance for this specific IC?