VIPER114XSTR
AI

## Overview of the VIPER114XSTR
The **VIPER114XSTR** is a high-voltage converter belonging to the **VIPerPlus** family manufactured by STMicroelectronics. It is an integrated offline switcher designed for high-performance SMPS (Switched-Mode Power Supplies). It combines an 800 V avalanche-rugged Power MOSFET with a PWM (Pulse Width Modulation) controller.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **RDS(on)** | 6.0 $\Omega$ (typical) |
| **Switching Frequency** | 60 kHz (fixed) |
| **Peak Drain Current** | 0.4 A |
| **Package** | SSOP10 |
| **Supply Voltage Range ($V_{CC}$)** | 4.5 V to 30 V |
---
### Core Electronic Components & Functions
The device integrates several critical electronic sub-systems into a single silicon chip:
1. **800 V Power MOSFET**:
The high-voltage power stage allows the device to handle large input voltage spikes and operate directly from a rectified AC mains supply (85 VAC to 265 VAC) without external power transistors.
2. **Embedded PWM Controller**:
It manages the switching cycle based on feedback, ensuring stable output voltage. It features **jittering** technology, which spreads the EMI (Electromagnetic Interference) spectrum, making it easier to comply with interference regulations.
3. **High-Voltage Start-up Circuit**:
Includes an internal high-voltage current source that charges the $V_{CC}$ capacitor during start-up. Once the device is running, the internal source turns off to reduce power consumption (Ultra-low standby consumption < 10 mW at 230 VAC).
4. **Error Amplifier**:
Contains an integrated E/A with a 1.2 V reference, allowing for direct feedback sensing without needing an external shunt regulator (like a TL431) in non-isolated topologies.
---
### Integrated Protection Features
The VIPER114XSTR is designed to be "rugged," meaning it includes several internal safeguards:
* **Pulse-by-Pulse Current Limiting**: Protects the MOSFET from over-current by limiting the peak current in every switching cycle.
* **Hysteretic Thermal Shutdown**: Automatically shuts down the device if the junction temperature exceeds safe limits ($~150^\circ C$).
* **Overvoltage Protection (OVP)**: Monitors $V_{CC}$ to prevent damage during feedback loop failures.
* **Soft-Start**: Reduces mechanical and electrical stress on components during the initial power-up phase.
---
### Typical Application Circuit
The VIPER114XSTR is commonly used in **Buck**, **Buck-Boost**, and **Flyback** converters for small appliances, IoT devices, and home automation.
```c
// Simplified Pinout Description (SSOP10)
Pin 1 (GND) : Ground
Pin 2 (NTC) : Temperature sensing or extra protection
Pin 4 (FB) : Feedback input for regulation
Pin 5 (VCC) : Supply voltage for the control logic
Pin 7-10 (DRAIN): High voltage drain of the internal MOSFET
```
- ⤷
What are the main differences between the VIPER114 and the VIPER122 series?
- ⤷ Can this IC be used in a non-isolated Buck converter topology?
- ⤷ How does the frequency jittering feature help in PCB design?