VIPER115XSTR
AI

## Overview of VIPER115XSTR
The **VIPER115XSTR** is a high-voltage converter belonging to the **VIPerPlus** family from STMicroelectronics. It is designed for high-performance offline power supplies (AC-DC conversion). This IC integrates an 800 V avalanche-rugged MOSFET with a PWM controller.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **Max Output Current ($I_{Dlim}$)** | 480 mA |
| **Switching Frequency** | 60 kHz (Fixed) |
| **Operating Supply Voltage ($V_{CC}$)** | 4.5 V to 30 V |
| **Package** | SSOP10 |
---
### 2. Main Internal Components
The VIPER115XSTR is an "all-in-one" solution that reduces component count by integrating several electronic parts:
* **800 V Power MOSFET:** The power stage that handles the high-voltage switching. Its high breakdown voltage provides a significant safety margin against voltage spikes from the AC line.
* **PWM Controller:** Manages the switching logic to regulate the output voltage.
* **High-Voltage Startup Chain:** Includes an internal high-voltage current source that allows the device to start up directly from the rectified mains, eliminating the need for an external startup resistor.
* **Error Amplifier:** Features an integrated 1.2 V reference voltage for precise regulation.
---
### 3. Integrated Protection Features
To ensure the reliability of the power supply, the IC includes several automated protection circuits:
1. **Pulse-by-Pulse Current Limiting:** Protects the MOSFET from overcurrent by limiting the peak current in every cycle.
2. **Hysteresis Thermal Shutdown:** Automatically shuts down the IC if the internal junction temperature exceeds safety limits (typically $150^\circ C$).
3. **Overvoltage Protection (OVP):** Monitors the $V_{CC}$ pin to protect the load from voltage surges.
4. **Soft-Start:** Reduces mechanical and electrical stress on components during power-up by gradually increasing the current limit.
---
### 4. Typical Application Circuits
The VIPER115XSTR is versatile and supports various power supply topologies:
* **Non-isolated Flyback:** Ideal for small appliances where user isolation isn't required.
* **Isolated Flyback:** Uses an optocoupler for feedback, providing safety isolation for consumer electronics.
* **Buck Converter:** Used for simple DC-DC step-down applications directly from a rectified AC line.
---
### 5. Pin Configuration (SSOP10)
| Pin Name | Function |
| :--- | :--- |
| **GND** | Ground / Source of the internal MOSFET. |
| **VCC** | Supply voltage for the control logic. |
| **DRAIN** | High voltage drain of the internal MOSFET. |
| **FB** | Feedback input for regulation. |
| **COMP** | Compensation pin for the error amplifier loop. |
| **LIM** | (Optional) Current limit set point adjustment. |
- ⤷
What are the main differences between the VIPER115 and the VIPER122 series?
- ⤷ Can you provide a basic schematic for a 5V/1A buck converter using this IC?
- ⤷ How does the 'Frequency Jittering' feature in this chip help with EMI compliance?