VIPER122
AI

## Overview of the VIPER122
The **VIPER122** is a high-voltage converter belonging to the VIPerPlus family. It is specifically designed for smart home, industrial, and consumer applications where low power consumption (SMPS) and high reliability are required. It integrates an **800 V avalanche-rugged Power MOSFET** with PWM current-mode control.
---
### 1. Key Internal Components
The VIPER122 is an "all-in-one" solution that reduces the bill of materials (BOM). Its internal architecture includes:
| Component | Function |
| :--- | :--- |
| **800 V Power MOSFET** | High-voltage switch that handles the primary current of the transformer. |
| **PWM Controller** | Controls the switching frequency and duty cycle to regulate output voltage. |
| **High-Voltage Startup** | Internal circuitry that draws power directly from the main line to start the chip, eliminating the need for an external startup resistor. |
| **Current Sense** | Monitors the peak current through the MOSFET for protection and regulation. |
| **Thermal Shutdown** | Protects the IC from overheating by shutting down if temperatures exceed safety limits. |
---
### 2. Pin Configuration (SSOP10)
The device is typically housed in an SSOP10 package. Below are the primary functional pins:
1. **DRAIN:** Connection to the primary winding of the transformer; also provides internal startup current.
2. **GND:** Ground reference for the IC.
3. **VCC:** Supply voltage for the internal control logic (usually buffered by a capacitor).
4. **FB (Feedback):** Input for the feedback loop (usually via an optocoupler) to regulate output.
5. **LIM (Current Limit):** Allows the user to set the drain current limit using an external resistor.
---
### 3. Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **Switching Frequency** | 60 kHz (Fixed) |
| **Supply Voltage Range ($V_{CC}$)** | 8.5 V to 23.5 V |
| **Standby Power** | < 10 mW at 230 $V_{AC}$ |
| **Max Output Power** | Up to 12W (depending on thermal design) |
---
### 4. Distinctive Features
* **Jittered Switching Frequency:** The switching frequency is slightly varied (dithered) to reduce EMI (Electromagnetic Interference) emissions.
* **Pulse Skipping Mode:** At very light loads, the device enters this mode to minimize power consumption, meeting strict "Green" energy standards.
* **Safety Protections:**
* Overload Protection (OLP).
* Output Short Circuit Protection (SCP).
* VCC Overvoltage Protection (OVP).
---
### 5. Typical Application Circuit
In a standard **Flyback Converter** topology:
1. The **AC Input** is rectified to high-voltage DC.
2. The **VIPER122 DRAIN** pin switches the primary side of the transformer.
3. The **Secondary Side** output is fed back to the **FB pin** via a TL431 and optocoupler.
4. The **VCC pin** is powered by an auxiliary winding on the transformer once the circuit is running.
- ⤷
What are the main differences between the VIPER122 and the older VIPER12A?
- ⤷ How do you calculate the resistor value for the LIM pin to set a specific current limit?
- ⤷ Can the VIPER122 be used in a non-isolated Buck converter topology?