VIPER12ADIP
AI

## Overview of the VIPER12A (DIP-8)
The **VIPER12A** is a popular low-power Off-Line Switched-Mode Power Supply (SMPS) primary switcher. It combines a dedicated current mode PWM (Pulse Width Modulation) controller with a high-voltage Power MOSFET on the same silicon chip.
---
### 1. Key Internal Components
The VIPER12A is highly integrated to reduce the total bill of materials (BOM). Its internal architecture consists of:
| Component | Function |
| :--- | :--- |
| **Power MOSFET** | Handles high voltage (up to 700V) and switches the primary current. |
| **PWM Controller** | Regulates the duty cycle based on feedback to maintain output voltage. |
| **High Voltage Startup** | Allows the chip to start directly from the rectified AC line without an external resistor. |
| **Current Sense** | Monitors the drain current for protection and control. |
| **Thermal Shutdown** | Protects the IC by shutting down if internal temperatures exceed roughly 145°C. |
---
### 2. Pin Configuration (DIP-8 Package)
The DIP-8 version is easy to use for prototyping and repair. Note that several pins are tied together for heat dissipation.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1, 2** | **SOURCE** | Ground reference for the internal MOSFET and control circuit. |
| **3** | **FB (Feedback)** | Feedback input. Controls the PWM duty cycle (typically via an optocoupler). |
| **4** | **VDD** | Supply voltage for the internal control logic (typically 9V to 38V). |
| **5, 6, 7, 8** | **DRAIN** | High voltage MOSFET drain. Connected to the primary winding of the transformer. |
---
### 3. Electrical Specifications
Understanding the limits is crucial for circuit design:
* **Drain-Source Voltage ($V_{dss}$):** 700V (Peak)
* **Switching Frequency:** Fixed at 60 kHz.
* **Supply Voltage ($V_{DD}$):** 9V to 38V.
* **Feedback Current:** Integrated high-gain transconductance amplifier.
* **Power Output:** Typically up to **8W** (Wide range 85-265VAC) or **13W** (Single range 230VAC).
---
### 4. Typical Application Circuit
The VIPER12A is most commonly used in **Flyback** or **Buck** converter topologies.
```mermaid
graph LR
AC_In[AC Input] --> Rect[Bridge Rectifier]
Rect --> Cap[Filter Capacitor]
Cap --> Trans[Transformer Primary]
Trans --> Viper[VIPER12A Drain]
Viper --> Source[GND / Source]
Trans -.-> FB[Optocoupler Feedback]
FB --> Viper
```
### 5. Common Features & Protections
1. **Burst Mode Operation:** At very low loads, the device enters "burst mode" to reduce power consumption (Standby efficiency).
2. **Overvoltage Protection:** If $V_{DD}$ exceeds the threshold, the device stops switching to prevent damage.
3. **Short Circuit Protection:** The primary current is limited cycle-by-cycle.
---
- ⤷
What are the main differences between VIPER12A and VIPER22A?
- ⤷ How do you calculate the snubber circuit for a VIPER12A flyback design?
- ⤷ What is the typical value for the VDD capacitor in a VIPER12A circuit?