VIPER15HD
AI

### Overview of VIPER15HD
The **VIPER15HD** is a high-performance, high-voltage converter belonging to the **VIPerPlus** family from STMicroelectronics. It integrates an 800 V avalanche-rugged power MOSFET with a Pulse Width Modulation (PWM) controller. It is specifically designed for SMPS (Switched Mode Power Supplies) applications.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V (Minimum) |
| **Switching Frequency ($F_{OSC}$)** | 115 kHz (Fixed) |
| **Integrated MOSFET $R_{DS(on)}$** | 20 $\Omega$ (Typical) |
| **Drain Current ($I_{Dlim}$)** | 350 mA (Minimum) |
| **Supply Voltage Range ($V_{DD}$)** | 8.5 V to 23.5 V |
| **Package Options** | SO16 (Narrow) / DIP-7 |
---
### Internal Architecture & Pin Functions
The device reduces component count by integrating several protective and functional blocks:
#### 1. Pin Configuration (Typical DIP-7/SO16)
* **DRAIN:** Connected to the internal power MOSFET drain and high-voltage startup current source.
* **SOURCE:** Ground reference for the control circuits and MOSFET source.
* **VDD:** Supply voltage for the internal control logic.
* **FB (Feedback):** Input for the control loop; it regulates the output voltage by adjusting the MOSFET duty cycle.
* **BR (Brown-out):** Detects undervoltage conditions on the AC mains to protect the system.
* **CONT (Control):** Used to set the current limit or for compensation.
#### 2. Functional Blocks
* **High-Voltage Startup:** It pulls current directly from the DRAIN pin to charge the VDD capacitor, eliminating the need for an external startup resistor.
* **Jittered Frequency:** The 115 kHz switching frequency is slightly modulated (jittered) to reduce EMI (Electromagnetic Interference) emissions.
* **Burst Mode Operation:** Under light loads, the device enters a "burst mode" to keep power consumption extremely low (less than 30 mW at 265 VAC).
---
### Embedded Protection Features
The VIPER15HD is designed for high reliability with several built-in safety mechanisms:
1. **Hysteretic Thermal Shutdown:** Shuts down the IC if the junction temperature exceeds 170°C.
2. **Overload Protection (OLP):** Limits power if the output is shorted or heavily loaded.
3. **Brown-out Protection:** Monitors the input mains voltage; if the voltage is too low, the device stops switching to prevent overheating.
4. **Auto-Restart:** After a fault occurs, the device attempts to restart periodically until the fault is cleared.
---
### Common Application Diagram
In a standard Flyback converter topology, the VIPER15HD is connected as follows:
```text
AC Input -> Bridge Rectifier -> Bulk Cap -> Transformer Primary -> VIPER15HD (Drain)
|
(FB Pin) <- Optocoupler <- Output Voltage Sense
```
---
- ⤷
What are the main differences between the VIPER15LD and VIPER15HD versions?
- ⤷ How does the Brown-out protection circuit be calculated for this IC?
- ⤷ Can you provide a basic schematic for a 5V/2A power supply using VIPER15HD?