VIPER20B
AI

The **VIPER20B** is a high-performance, monolithic Smart Primary Switch that combines a dedicated current mode PWM (Pulse Width Modulation) controller with a high-voltage Power MOSFET on the same silicon chip. It is widely used in off-line power supplies and battery chargers.
---
## 1. Key Internal Components
The VIPER20B integrates several critical electronic functional blocks into a single TO-220 or SO-20 package:
| Component | Function |
| :--- | :--- |
| **Power MOSFET** | A high-voltage N-channel power transistor (typically rated for 700V) that handles the switching of the primary current. |
| **PWM Controller** | Regulates the duty cycle of the MOSFET to maintain a constant output voltage or current. |
| **Current Sense** | Monitors the source current of the MOSFET for cycle-by-cycle current limiting. |
| **Start-up Circuit** | A high-voltage current source that charges the VDD capacitor during initial power-up. |
| **Thermal Shutdown** | Protects the device by shutting down if the junction temperature exceeds 170°C. |
---
## 2. Technical Specifications
Below are the typical electrical characteristics of the VIPER20B:
* **Drain-Source Voltage ($V_{ds}$):** Up to 700V (Off-state).
* **Switching Frequency:** Fixed at 100 kHz.
* **Output Power:** Up to 20W (Wide range input) or 40W (Single 230V input).
* **Supply Voltage ($V_{dd}$):** 8V to 15V.
* **Feedback System:** Voltage regulation via an optocoupler or primary auxiliary winding.
---
## 3. Pin Configuration
The device typically uses a 5-pin layout (for the TO-220 package):
| Pin Name | Description |
| :--- | :--- |
| **SOURCE** | Ground reference for the control circuit and source of the power MOSFET. |
| **DRAIN** | High voltage connection to the transformer primary winding. |
| **VDD** | Supply voltage for the control logic and gate driver. |
| **COMP** | Input for the error amplifier/feedback loop to control PWM. |
| **OSC** | Used to set the switching frequency (external RC network can adjust this). |
---
## 4. Typical Application Circuit
The VIPER20B is most commonly found in **Flyback Converter** topologies.
```c
// Conceptual Block Diagram Flow
[AC Input] -> [Bridge Rectifier] -> [Bulk Capacitor] -> [Transformer Primary]
|
[VIPER20B DRAIN]
|
[Feedback Loop] <- [Optocoupler] <----------------------- [Secondary Output]
|
[VIPER20B COMP]
```
### Advantages
1. **Reduced Component Count:** Replaces a separate PWM IC and discrete MOSFET.
2. **Burst Mode:** Provides excellent efficiency under light-load conditions.
3. **Safety:** Includes integrated over-current and over-temperature protection.
---
- ⤷
What are the main differences between VIPER20A and VIPER20B?
- ⤷ How do you calculate the external RC values for the OSC pin?
- ⤷ Can the VIPER20B be used in a non-isolated Buck converter topology?